Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7440BRT-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7440BRT-REEL7
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7440BRT-REEL7 Datasheet HTML 1Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 2Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 3Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 4Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 5Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 6Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 7Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 8Page - Analog Devices AD7440BRT-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Differential Input, 1 MSPS
10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
AD7440/AD7450A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 1 MSPS
Specified for VDD of 3 V and 5 V
Low power at max throughput rate:
4 mW max at 1 MSPS with 3 V supplies
9.25 mW max at 1 MSPS with 5 V supplies
Fully differential analog input
Wide input bandwidth:
70 dB SINAD at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI®/QSPI™/MICROWIRE™/DSP compatible
Power-down mode: 1 µA max
8-lead SOT-23 and MSOP packages
APPLICATIONS
Transducer interface
Battery-powered systems
Data acquisition systems
Portable instrumentation
Motor control
GENERAL DESCRIPTION
The AD7440/AD7450A1 are 10-bit and 12-bit high speed, low
power, successive approximation (SAR) analog-to-digital
converters with a fully differential analog input. These parts
operate from a single 3 V or 5 V power supply and use advanced
design techniques to achieve very low power dissipation at
throughput rates up to 1 MSPS. The SAR architecture of these
parts ensures that there are no pipeline delays.
The parts contain a low noise, wide bandwidth, differential
track-and-hold amplifier (T/H) that can handle input
frequencies up to 3.5 MHz. The reference voltage is applied
externally to the VREF pin and can be varied from 100 mV to
3.5 V depending on the power supply and what suits the
application. The value of the reference voltage determines the
common-mode voltage range of the part. With this truly
differential input structure and variable reference input, the user
can select a variety of input ranges and bias points.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the device to interface
with microprocessors or DSPs. The input signals are sampled
FUNCTIONAL BLOCK DIAGRAM
VREF
T/H
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
SDATA
CS
VDD
AD7440/AD7450A
VIN+
VIN–
Figure 1.
on the falling edge of CS; the conversion is also initiated at this
point. The SAR architecture of these parts ensures that there are
no pipeline delays. The AD7440 and the AD7450A use ad-
vanced design techniques to achieve very low power dissipation
at high throughput rates.
PRODUCT HIGHLIGHTS
1.
Operation with either 3 V or 5 V power supplies.
2.
High throughput with low power consumption.
With a 3 V supply, the AD7440/AD7450A offer 4 mW
max power consumption for 1 MSPS throughput.
3.
Fully differential analog input.
4.
Flexible power/serial clock speed management.
The conversion rate is determined by the serial clock,
allowing the power to be reduced as the conversion time
is reduced through the serial clock speed increase. These
parts also feature a shutdown mode to maximize power
efficiency at lower throughput rates.
5.
Variable voltage reference input.
6.
No pipeline delay.
7.
Accurate control of the sampling instant via a CS input and
once-off conversion control.
8.
ENOB > eight bits typically with 100 mV reference.
1 Protected by U.S. Patent Number 6,681,332.


Similar Part No. - AD7440BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7440BRT-REEL7 AD-AD7440BRT-REEL7 Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
More results

Similar Description - AD7440BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com