Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1084-33UC-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1084-33UC-TR
Description  5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1084-33UC-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1084-33UC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1084-33UC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Copyright
 ANPEC Electronics Corp.
Rev. B.9 - Aug., 2003
APL1084
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
!
Fast Transient Response
!
Guaranteed Dropout Voltage at Multiple Cur-
rents
!
Load Regulation :0.05% Typ.
!
Line Regulation : 0.03% Typ.
!
Low Dropout Voltage: 1.3V Typ. at I
OUT =5A
!
Trimmed Current Limit : 5A Typ. at T
J=125 °C
!
On-Chip Thermal Limiting : 150 °C Typ.
!
Standard 3-pin TO-220, TO-252 and TO-263
Power Packages
Features
General Description
Applications
!
PentiumTM Processor Supplies
!
powerPCTM Supplies
!
Low Voltage Logic Supplies
!
Battery-Powered Circuitry
!
Post Regulator for Switching Power Supply
applications, the APL1084 has been optimized. The
output available voltage range of adjustable version
is from 1.25~5.75V with an input supply below 7V,
and the fixed 3.3V output voltage device is also
available. Current limit is trimmed to ensure speci-
fied output current and controlled short-circuit current.
On-chip thermal limiting provides protection against
any combination of overload that would create ex-
cessive junction temperatures. The APL1084 is avail-
able in both the through-hole and surface mount ver-
sions of the industry standard 3-pin TO-220,TO-252
and TO-263 power packages.
Pin Description
Ordering Information
P a cka ge C ode
F : T O -2 2 0
G : T O -2 6 3
U : T O -2 5 2
Z : T O -2 64
T e m p . R ange
C : 0 to 70 C
Ha ndling C ode
T U : T ube
T R : T ape & R eel
V o lta ge C ode :
33 : 3.3V
B lank : A djusta b le V e rs io n
Lead F ree C ode
L : Lead F ree D e vice
B lank : O rg in al D evic e
°
A P L1084 -
Ha ndling C ode
T e m p . R ange
P a cka ge C ode
V o lta ge C ode
Lead F ree C ode
A P L1084 :
A P L1084
XX XXX
- D a te C o d e
XX XXX
A P L1084
XX XXX
33
A P L1084- 3 3 :
- D a te C o d e
XX XXX
1
2
3
V
IN
V
OUT
ADJ
6)*EI8
OUT
1
2
3
V
IN
V
OUT
ADJ
6)*EI8
OUT
Front View APL1084
TO-263 Package
Front View APL1084
TO-264 Package
The APL1084 is a low dropout three-terminal adjust-
able regulator with 5A output current capability. In
order to obtain lower dropout voltage and faster tran-
sient response, which is critical for low voltage
1
2
3
V
IN
V
OUT
ADJ
6)*EI8
OUT
Front View APL1084
TO-220 Package
Front View APL1084
TO-252 Package
TAB is V
OUT

!
V
IN
V
OUT
ADJ


Similar Part No. - APL1084-33UC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433FC-TRG ANPEC-APL108433FC-TRG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433FC-TUG ANPEC-APL108433FC-TUG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433GC-TRG ANPEC-APL108433GC-TRG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433GC-TUG ANPEC-APL108433GC-TUG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results

Similar Description - APL1084-33UC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com