Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3479FBP Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN3479FBP
Description  VCR SignalLuminance, Chroma and Normal Audio Signals Processing IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3479FBP Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN3479FBP Datasheet HTML 5Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 6Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 7Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 8Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 9Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 10Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 11Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 12Page - Panasonic Semiconductor AN3479FBP Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ICs for VCR
AN3479FBP
9
s Electrical Characteristics(continued) T
a = 25 °C ±2 °C
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Rec. killer on sensitivity
SRKON
Burst : Chroma
=1 : 1,4.8 mV
PP

−39
dB
In : Pin18,Out : Pin41
Rec. killer off sensitivity
SRKOFF
Burst : Chroma
=1 : 1,17 mV
PP
−22

dB
In : Pin18,Out : Pin41
Rec. C MBPF frequency
∆G
RBP1
Sin 286 mVPP,1.7 MHz/3.58 MHz

−15
dB
characteristic 1
In : Pin18,Out : Pin5
Rec. C MBPF frequency
∆G
RBP2
Sin 286 mVPP,3.08 MHz/3.58 MHz
−4.6
− 0.6
dB
characteristic 2
In : Pin18,Out : Pin5
Rec. C MBPF frequency
∆G
RBP3
Sin 286 mVPP,4.08 MHz/3.58 MHz
−5.5
−1.5
dB
characteristic 3
In : Pin18,Out : Pin5
Rec. C MBPF frequency
∆G
RBP4
Sin 286 mVPP,7 MHz/3.58 MHz

−10
dB
characteristic 4
In : Pin18,Out : Pin5
Rec. C MBPF group delay
tDRBP
Sin 286 mVPP,3.58 MHz
540
660
ns
In : Pin18,Out : Pin5
Rec. AFC pull-in range "H"level
fAFH
Pulse 5 VPP,fH + 1.22 kHz
1.2

kHz
In : Pin18,14,Out : Pin5
Rec. AFC pull-in range "L"level
fAFL
Pulse 5 VPP,fH − 1.22 kHz

−1.2
kHz
In : Pin18,14,Out : Pin5
VCO control characteristic
β
VCO
Pin78 : DC,2.1 V,1.9 V
0.2
0.5
0.8
Hz/mV
In : Pin82,14,Out : Pin5
Rec. APC pull-in range "H"level
fAPH
Sin 300 mVPP,fSC + 500 Hz
500

Hz
In : Pin18,14,Out : Pin79
Rec. APC pull-in range "L"level
fAPL
Sin 300 mVPP,fSC − 500 Hz

−500
Hz
In : Pin18,14,Out : Pin79
Rec. chrominance output variable VRC1
Video signal 1 VPP
2.0
4.7
7.0
dB
range max.
In : Pin18,Out : Pin41
Rec. chrominance output variable VRC2
Video signal 1 VPP
−7.0
−4.2
−2.0
dB
range min.
In : Pin18,Out : Pin41
VCO frequency
fVCO
Sin 300 mVPP,fSC = 3.579545 MHz
469
629
789
kHz
(40 fH equivalent)
Pin78
= 2.0 V
In : Pin82,Out : Pin5
Rec. comb depth
GRECC
Sin 250 mVPP,SLP

−27
dB
In : Pin6,Out : Pin33
Rec. comb 40 fH shift
∆t
RECC
Sin 250 mVPP,SLP
−10
10
ns
In : Pin6,Out : Pin33
Main BM carrier-leak
CLBM
Sin 100 mVPP,629 kHz

−38
dB
In : Pin34,14,Out : Pin3
Burst-down gain 1
GBD1
Sin 100 mVPP,fSC,SP-mode
−5.1
−4.1
−3.1
dB
In : Pin34,14,Out : Pin3


Similar Part No. - AN3479FBP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
STMicroelectronics
AN3400 STMICROELECTRONICS-AN3400 Datasheet
4Mb / 78P
   Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
logo
Panasonic Semiconductor
AN34001A PANASONIC-AN34001A Datasheet
233Kb / 7P
   Nine-Output Linear Voltage Regulator
logo
STMicroelectronics
AN3401 STMICROELECTRONICS-AN3401 Datasheet
1Mb / 18P
   The SPV1001 and SPV1002 are system-in-package solutions
AN3404 STMICROELECTRONICS-AN3404 Datasheet
268Kb / 30P
   Low power considerations for STM8TL5xxx devices
More results

Similar Description - AN3479FBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
logo
Toshiba Semiconductor
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Toshiba Semiconductor
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com