Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1084-33FC-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1084-33FC-TRL
Description  5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1084-33FC-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1084-33FC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1084-33FC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.9 - Aug., 2003
APL1084
www.anpec.com.tw
3
Application Circuits
* Required for stability
APL
1084:C =10µF
* R1 is typically in range of 100Ω to 120Ω
(2.75V~7V)
APL1084
V
IN
+
10µF
C
1
(1.250V/ 5A)
Solid Tantalum
C
2*
V
OUT
+
(5V)
APL1084
V
IN
+
10µ F
C
1
(3.3V/ 5A)
V
OUT
Solid Tantalum
C
2*
+
R1
R2
V
OUT=(R1+R2)/R1*1.250V
Typical Regulator
5V to 3.3V Regulator
Electrical Characteristics (Cont.)
NOTE 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulations are
measured at a constant junction temperature by low duty cycle pulse testing.
NOTE 2 :The value could be varied when heat sink size is different. Use larger heat sink or larger PCB size , which improves
θ
th
,TAB-A, to improve overall thermal resistance (θth,J-A).
APL1084
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VN
RMS Output Noise(% of
VOUT)
TJ=25°C,10Hz≤F≤10kHz
0.003
%
θth,J-TAB Thermal Resistance
Junction-to-Case, at TAB
(NOTE 2)
6.0
°C/ W
θ
th,J-AMB
Thermal Resistance
Junction-to-Ambient
TO-263
TO-252
50
62.5
°C/ W


Similar Part No. - APL1084-33FC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433FC-TRG ANPEC-APL108433FC-TRG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433FC-TUG ANPEC-APL108433FC-TUG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433GC-TRG ANPEC-APL108433GC-TRG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108433GC-TUG ANPEC-APL108433GC-TUG Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results

Similar Description - APL1084-33FC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
LD1585C STMICROELECTRONICS-LD1585C Datasheet
501Kb / 17P
   5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com