Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3501NFBP Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3501NFBP Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN3501NFBP Datasheet HTML 7Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 8Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 9Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 10Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 11Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 12Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 13Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 14Page - Panasonic Semiconductor AN3501NFBP Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ICs for VCR
AN3501NFBP
11
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data (continued)
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminance-system (continued)
DOC SW crosstalk
CT25-54 VIN = 160 mV[p-p], 1 MHz forced DOC

−40
dB
YNR lim. (VNC) output level 4
V25YL4 VIN = 300 mV[p-p], fIN = 1 MHz
15
30
45
mV[p-p]
White noise compression level
V25WNS Trick mode, 3.8 MHz, 5.8 MHz
2.2
2.9
3.3
V[p-p]
Tune/line crosstalk
CT20-18 f = 1 MHz

−40
dB
Line/tuner crosstalk
CT18-20 f = 1 MHz

−40
dB
Chroma-system
M BPF [4.43 MHz]
fMR(1)-4 4.43 MHz mode,

−15
dB
frequency characteristics rec. 1
fIN = 2.3 MHz/4.43 MHz
M BPF [4.43 MHz]
fMR(2)-4 4.43 MHz mode,
−3.5
−2.0 − 0.5
dB
frequency characteristics rec. 2
fIN = 3.93 MHz/4.43 MHz
M BPF [4.43 MHz]
fMR(3)-4 4.43 MHz mode,
−2.7
−1.2
0.6
dB
frequency characteristics rec. 3
fIN = 4.93 MHz/4.43 MHz
M BPF [4.43 MHz]
fMR(4)-4 4.43 MHz mode,

−10
dB
frequency characteristics rec. 4
fIN = 6.5 MHz/4.43 MHz
M BPF [4.43 MHz]
GDMR-4 4.43 MHz mode,
340
390
440
ns
group delay rec.
fIN = 4.43 MHz
M BPF [4.43 MHz]
fMP(1)-4 4.43 MHz mode,

−15
dB
frequency characteristics PB 1
fIN = 2.6 MHz/4.43 MHz
M BPF [4.43 MHz]
fMP(2)-4 4.43 MHz mode,
−5.5
−3.7
−2.0
dB
frequency characteristics PB 2
fIN = 3.93 MHz/4.43 MHz
M BPF [4.43 MHz]
fMP(3)-4 4.43 MHz mode,
−6.4
−3.9
−1.4
dB
frequency characteristics PB 3
fIN = 4.93 MHz/4.43 MHz
M BPF [4.43 MHz]
fMP(4)-4 4.43 MHz mode,

−30
dB
frequency characteristics PB 4
fIN = 5.69 MHz/4.43 MHz
M BPF [4.43 MHz]
fMP(5)-4 4.43 MHz mode,

−15
dB
frequency characteristics PB 5
fIN = 6.5 MHz/4.43 MHz
M BPF [4.43 MHz]
DGMP-4 4.43 MHz mode,
530
580
630
ns
group delay PB
fIN = 4.43 MHz
M BPF [3.58 MHz]
fMR(1)-4 3.58 MHz mode,

−15
dB
frequency characteristics rec. 1
fIN = 1.5 MHz/3.58 MHz
M BPF [3.58 MHz]
fMR(2)-4 3.58 MHz mode,
−5.5
−3.3
−15
dB
frequency characteristics rec. 2
fIN = 3.08 MHz/3.58 MHz
M BPF [3.58 MHz]
fMR(3)-4 3.58 MHz mode,
−3.5
−1.0
1.0
dB
frequency characteristics rec. 3
fIN = 4.08 MHz/3.58 MHz
M BPF [3.58 MHz]
fMR(4)-4 3.58 MHz mode,

−10
dB
frequency characteristics rec. 4
fIN = 6.5 MHz/3.58 MHz
M BPF [3.58 MHz]
GDMR-4 3.58MHz mode,
390
470
550
ns
group delay rec.
fIN = 3.58 MHz


Similar Part No. - AN3501NFBP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
List of Unclassifed Man...
AN3500-521P ETC1-AN3500-521P Datasheet
39Kb / 1P
   AN0625-521P
More results

Similar Description - AN3501NFBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3479FBP PANASONIC-AN3479FBP Datasheet
141Kb / 18P
   VCR SignalLuminance, Chroma and Normal Audio Signals Processing IC
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
logo
Panasonic Semiconductor
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Sanyo Semicon Device
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com