Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C54SFPN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C54SFPN
Description  80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C54SFPN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C54SFPN Datasheet HTML 3Page - NXP Semiconductors P87C54SFPN Datasheet HTML 4Page - NXP Semiconductors P87C54SFPN Datasheet HTML 5Page - NXP Semiconductors P87C54SFPN Datasheet HTML 6Page - NXP Semiconductors P87C54SFPN Datasheet HTML 7Page - NXP Semiconductors P87C54SFPN Datasheet HTML 8Page - NXP Semiconductors P87C54SFPN Datasheet HTML 9Page - NXP Semiconductors P87C54SFPN Datasheet HTML 10Page - NXP Semiconductors P87C54SFPN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Philips Semiconductors
Product specification
8XC54/58
8XC51FA/FB/FC/80C51FA
8XC51RA+/RB+/RC+/RD+/80C51RA+
80C51 8-bit microcontroller family
8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
2000 Aug 07
7
8XC54/58 ORDERING INFORMATION
MEMORY SIZE
16K
× 8
MEMORY SIZE
32K
× 8
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P80C54SBPN
P80C58SBPN
0 to +70 Plastic Dual In line Package
2.7 V to
0to16
SOT129 1
OTP
P87C54SBPN
P87C58SBPN
0 to +70, Plastic Dual In-line Package
5.5 V
0 to 16
SOT129-1
ROM
P80C54SBAA
P80C58SBAA
0 to +70 Plastic Leaded Chip Carrier
2.7 V to
0to16
SOT187 2
OTP
P87C54SBAA
P87C58SBAA
0 to +70, Plastic Leaded Chip Carrier
5.5 V
0 to 16
SOT187-2
ROM
P80C54SBBB
P80C58SBBB
0 to +70 Plastic Quad Flat Pack
2.7 V to
0to16
SOT307 2
OTP
P87C54SBBB
P87C58SBBB
0 to +70, Plastic Quad Flat Pack
5.5 V
0 to 16
SOT307-2
ROM
P80C54SFP N
P80C58SFP N
40 to +85 Plastic Dual In line Package
2.7 V to
0to16
SOT129 1
OTP
P87C54SFP N
P87C58SFP N
–40 to +85, Plastic Dual In-line Package
5.5 V
0 to 16
SOT129-1
ROM
P80C54SFA A
P80C58SFA A
40 to +85 Plastic Leaded Chip Carrier
2.7 V to
0to16
SOT187 2
OTP
P87C54SFA A
P87C58SFA A
–40 to +85, Plastic Leaded Chip Carrier
5.5 V
0 to 16
SOT187-2
ROM
P80C54SFB B
P80C58SFB B
40 to +85 Plastic Quad Flat Pack
2.7 V to
0to16
SOT307 2
OTP
P87C54SFB B
P87C58SFB B
–40 to +85, Plastic Quad Flat Pack
5.5 V
0 to 16
SOT307-2
ROM
P80C54UBAA
P80C58UBAA
0 to +70 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C54UBAA
P87C58UBAA
0 to +70, Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
ROM
P80C54UBPN
P80C58UBPN
0 to +70 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C54UBPN
P87C58UBPN
0 to +70, Plastic Dual In-line Package
5 V
0 to 33
SOT129-1
ROM
P80C54UBBB
P80C58UBBB
0 to +70 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C54UBBB
P87C58UBBB
0 to +70, Plastic Quad Flat Pack
5 V
0 to 33
SOT307-2
ROM
P80C54UFA A
P80C58UFA A
40 to +85 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C54UFA A
P87C58UFA A
–40 to +85, Plastic Leaded Chip Carrier
5 V
0 to 33
SOT187-2
ROM
P80C54UFPN
P80C58UFPN
40 to +85 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C54UFPN
P87C58UFPN
–40 to +85, Plastic Dual In-line Package
5 V
0 to 33
SOT129-1
ROM
P80C54UFBB
P80C58UFBB
40 to +85 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C54UFBB
P87C58UFBB
–40 to +85, Plastic Quad Flat Pack
5 V
0 to 33
SOT307-2
Note: For Multi Time Programmable devices, See P89C51RX+
Flash datasheet.


Similar Part No. - P87C54SFPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C54SFPN PHILIPS-P87C54SFPN Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

Similar Description - P87C54SFPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com