Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3564CT-55U Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC3564CT-55U
Description  64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564CT-55U Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC3564CT-55U Datasheet HTML 2Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 3Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 4Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 5Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 6Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 7Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 8Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 9Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
[3-V Operation]
No. 6635-6/11
LC3564CM, CT-55U/70U
Note *: Reference values at VCC = 3 V, Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
2.7
3.0
3.3
V
Input voltage
VIH
VCC – 0.2
VCC
V
VIL
0
0.2
V
DC Allowable Operating Ranges at Ta = –40 to +85°C, VCC = 2.7 to 3.3 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ *
max
Input leakage current
ILI
VIN = 0 to VCC
–1.0
+1.0
µA
I/O leakage current
ILO
VCE1 = VIH or VCE2 = VIL or VOE = VIH or
–1.0
+1.0
µA
VWE = VIL, VI/O = 0 to VCC
Output high-level voltage
VOH
IOH = –0.5 mA
VCC – 0.2
V
Output low-level voltage
VOL
IOL = 1.0 mA
0.2
V
VCE1 ≤ VIL, VCE2 ≥ VIH,
Ta
≤ 70°C
0.01
0.8
µA
ICCA1
II/O = 0 mA, VIN ≤ VIL or
VIN ≥ VIH
Ta
≤ 85°C
2.5
Operation supply current
VCC – 0.2 V/0.2 V
min
LC3564CM, CT-70U
20
mA
inputs
ICCA4
cycle
1 µs cycle
3
mA
Standby mode supply
VCC – 0.2 V/0.2 V
VCE2 ≤ 0.2 V or
Ta
≤ 70°C
0.01
0.8
µA
current
inputs
ICCS1
VCE1 ≥ VIH
VCE2 ≥ VIH
Ta
≤ 85°C
2.5
DC Electrical Characteristics at Ta = –40 to +85°C, VCC = 2.7 to 3.3 V
VCE1 ≤ VIL,
VCE2 ≥ VIH,
II/O = 0 mA,
DUTY = 100%


Similar Part No. - LC3564CT-55U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Similar Description - LC3564CT-55U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com