Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS655A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS655A
Description  3mm DIA. MATCHED INFRARED EMITTER DETECTOR PAIR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS655A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS655A Datasheet HTML 1Page - List of Unclassifed Manufacturers IS655A Datasheet HTML 2Page - List of Unclassifed Manufacturers IS655A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92102-AAS/A2
7/12/00
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
IS654A
Forward Voltage (V
F)
1.2
1.6
V
I
F = 20mA
Emitter
Reverse Current (I
R)
100
µA
V
R = 5V
Radiant Flux (I
E)
1.5
mW/sr
I
F = 40mA
Peak Emission Wavelength
940
nm
I
F = 40mA
Spectrum Radiation Bandwidth
50
nm
I
F = 40mA
Beam Emission Angle
±20
deg.
IS655A
Collector-emitter Breakdown (BV
CEO)
30
V
I
C = 1mA
Detector
( Note 1 )
Ee = 0mW/cm2
Emitter-collector Breakdown (BV
ECO)
5
V
I
E = 100µA
Ee = 0mW/cm2
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 10V
Ee = 0mW/cm2
On-State Collector Current I
C ( ON )
1
mA
5V V
CE
Ee = 1mW/cm2
Collector-emitter Saturation Voltage V
CE(SAT)
0.4
V
I
C = 0.5mA
Ee = 0.5mW/cm2
Rise Time
tr
10
40
µs
V
CC= 20V, IC= 1mA,
Fall Time
tf
8
35
µs
R
L = 1kΩ
Peak Sensitivity Wavelength
940
nm
I
F = 40mA
Beam Acceptance Angle
±20
deg.
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Note 1
Special Selections are available on request. Please consult the factory.


Similar Part No. - IS655A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65C10248AL ISSI-IS65C10248AL Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65C10248AL-55CTLA3 ISSI-IS65C10248AL-55CTLA3 Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65C10248AL-55MLA3 ISSI-IS65C10248AL-55MLA3 Datasheet
393Kb / 14P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65C1024AL ISSI-IS65C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS65C1024AL ETC2-IS65C1024AL Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS655A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
   MATCHED EMITTER DETECTOR PAIR
logo
GE Solid State
H23L1 GESS-H23L1 Datasheet
257Kb / 4P
   Matched Emitter-Detector Pair H23L1
logo
Marktech Corporate
MTE9040M MARKTECH-MTE9040M Datasheet
57Kb / 2P
   3mm Infrared Emitter
MTE8800C-S MARKTECH-MTE8800C-S Datasheet
196Kb / 2P
   3mm Infrared Emitter
MTE9052C MARKTECH-MTE9052C Datasheet
57Kb / 2P
   3mm Infrared Emitter
MTE8090M MARKTECH-MTE8090M Datasheet
56Kb / 2P
   3mm Infrared Emitter
MTE8300C MARKTECH-MTE8300C Datasheet
57Kb / 2P
   3mm Infrared Emitter
MTE9094C MARKTECH-MTE9094C Datasheet
79Kb / 2P
   3mm Infrared Emitter
logo
CT Micro International ...
IR300N-D0 CTMICRO-IR300N-D0 Datasheet
788Kb / 8P
   3mm Lamp Type 940nm Infrared Emitter
logo
OSRAM GmbH
SFH7250 OSRAM-SFH7250 Datasheet
386Kb / 16P
   Infrared-Emitter (850 nm) and Si-Phototransistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com