Electronic Components Datasheet Search |
|
AN3672NFBP Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
AN3672NFBP Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 29 page ICs for VCR AN3672NFBP 9 Parameter Symbol Conditions Min Typ Max Unit Data input (high-level) VHDATA At VCC = 5 V 2.25 5V Data input (low-level) VLDATA At VCC = 5 V 0 0.75 V Clock input (high-level) VHCLOC At VCC = 5 V 2.25 5V Clock input (low-level) VLCLOC At VCC = 5 V 0 0.75 V Mute CTL input (high-level) VIHMUT Mute on 3.5 5V Mute CTL input (low-level) VILMUT Mute off 0 1.5 V Forced normal on level 2 ND2 f = 150 kHz, Mode 01 Dev. 60 kHz Dev RF conv. AGC level VRFCAG VIN = −16.8 dBS, f = 1 kHz 1.0 dBS Normal rec. THD TNRO VIN = −26.8 dBS, f = 1 kHz 0.02 % Normal input crosstalk 1 CTNRR Ext.1 in L = −16.8 dBS −75 dB (Line in R select) DIN audio Normal input crosstalk 2 CTNLL Ext.1 in R = −16.8 dBS −75 dB (Line in L select) DIN audio Carrier 3rd harmonics L 3HDL RF recording out −50 dB Carrier 3rd harmonics R 3HDR RF recording out −50 dB 1.3 MHz BPF frequency BPF14 1.7 MHz / 1.3 MHz −32 dB characteristics 4 1.3 MHz BPF frequency BPF16 1.55 MHz / 1.15 MHz −15 dB characteristics 6 1.7 MHz BPF frequency BPF24 2.1 MHz / 1.7 MHz −13 dB characteristics 4 1.7 MHz BPF frequency BPF25 1.3 MHz / 1.7 MHz −26 dB characteristics 5 1.7 MHz BPF frequency BPF26 1.45 MHz / 1385 MHz −8 dB characteristics 6 BPF group delay difference GDBPF Difference of fO ±100 kHz 500 ns (fO ±100 kHz) VCO fO temperature dependency TVCO fO (T = −10°C) − fO (T = 75°C) 5 kHz Normal off delay time MON Define with FF timing 3 FF ENC attack time ENAT f = 5 kHz, V IN = typ.−20 dB 4 ms ENC recovery time ENRT f = 5 kHz, V IN = typ.−20 dB 65 ms HOLD pulse width HPUL Test mode, PB 10 µs ENV out 1 ENV1 1.3 MHz + 1.7 MHz mix. 1.3 V 70 mV[p-p] × 2 ENV out 2 ENV2 1.3 MHz + 1.7 MHz mix. 2.2 V 280 mV[p-p] × 2 HiFi rec. → PB crosstalk CTRP PB, VIN = −16.8 dBS, 1 kHz −79 dB s Electrical Characteristics at VCC1 = 5 V, VCC2 = 12 V, Ta = 25°C (continued) • Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. |
Similar Part No. - AN3672NFBP |
|
Similar Description - AN3672NFBP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |