Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600I25 Datasheet(PDF) 4 Page - Linear Technology

Part # 600I25
Description  Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

600I25 Datasheet(HTML) 4 Page - Linear Technology

  600I25 Datasheet HTML 1Page - Linear Technology 600I25 Datasheet HTML 2Page - Linear Technology 600I25 Datasheet HTML 3Page - Linear Technology 600I25 Datasheet HTML 4Page - Linear Technology 600I25 Datasheet HTML 5Page - Linear Technology 600I25 Datasheet HTML 6Page - Linear Technology 600I25 Datasheet HTML 7Page - Linear Technology 600I25 Datasheet HTML 8Page - Linear Technology 600I25 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6600-2.5
4
660025i
PI FU CTIO S
INand IN+ (Pins 1, 8): Input Pins. Signals can be applied
to either or both input pins through identical external
resistors, RIN. The DC gain from differential inputs to the
differential outputs is 1580
Ω/RIN.
VOCM (Pin 2): Is the DC Common Mode Reference Voltage
for the 2nd Filter Stage. Its value programs the common
mode voltage of the differential output of the filter. Pin 2 is
a high impedance input, which can be driven from an
external voltage reference, or Pin 2 can be tied to Pin 7 on
the PC board. Pin 2 should be bypassed with a 0.01
µF
ceramic capacitor unless it is connected to a ground plane.
V+ and V (Pins 3, 6): Power Supply Pins. For a single
3.3V or 5V supply (Pin 6 grounded) a quality 0.1
µF
ceramic bypass capacitor is required from the positive
supply pin (Pin 3) to the negative supply pin (Pin 6). The
bypass should be as close as possible to the IC. For dual
supply applications, bypass Pin 3 to ground and Pin 6 to
ground with a quality 0.1
µF ceramic capacitor.
OUT+ and OUT (Pins 4, 5): Output Pins. Pins 4 and 5 are
the filter differential outputs. Each pin can drive a 100
and/or 50pF load to AC ground.
VMID (Pin 7): The VMID pin is internally biased at mid-
supply, see block diagram. For single supply operation,
the VMID pin should be bypassed with a quality 0.01µF
ceramic capacitor to Pin 6. For dual supply operation, Pin
7 can be bypassed or connected to a high quality DC
ground. A ground plane should be used. A poor ground
will increase noise and distortion. Pin 7 sets the output
common mode voltage of the 1st stage of the filter. It has
a 5.5k
Ω impedance, and it can be overridden with an
external low impedance voltage source.


Similar Part No. - 600I25

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
600 SWITCH-600 Datasheet
30Kb / 1P
   JACK COVERS
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Aries Electronics, Inc.
600 ARIES-600 Datasheet
816Kb / 1P
   Body cavity design provides additional clearance for component mounting
logo
MKS Instruments.
600 MKS-600 Datasheet
740Kb / 16P
   600 Series Analog Capacitance Manometers
logo
3M Electronics
600 3M-600 Datasheet
572Kb / 6P
   3M??Scotch짰 Transparent Film Tape 600
More results

Similar Description - 600I25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-10 LINER-LT6604-10_15 Datasheet
208Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com