Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3811NK Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN3811NK
Description  Cylinder Hall motor driving IC for VCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3811NK Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN3811NK Datasheet HTML 1Page - Panasonic Semiconductor AN3811NK Datasheet HTML 2Page - Panasonic Semiconductor AN3811NK Datasheet HTML 3Page - Panasonic Semiconductor AN3811NK Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN3811NK
ICs for VCR
2
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V
VM
13.5 to 15.5
s Recommended Operating Range
s Pin Descriptions
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6.0
V
Supply current
ICC
mA
Power dissipation *
2
PD
1 150
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Circuit voltage *
3
Vn-11
40
V
Circuit voltage
V3-11
20
V
Circuit current *
3
In
1.5
A
s Absolute Maximum Ratings
Note) 1. *1: Except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: Use this IC within the value of the PD at Ta = 75°C.
*3: n = 1, 2, 16
2. Do not apply external currents or voltages to any pins not specifically mentioned.
3. For circuit currents, '
+' denotes currents flowing into the IC, and '−' denotes current flowing out of the IC.
Pin No.
Description
1
Driving output 1
2
Driving output 2
3
Motor power supply pin
4
PG/FG output
5
Power supply pin
6
Hall element normal phase input
7
Hall element reverse phase input
8
Phase compensation pin
Pin No.
Description
9
Torque command input
10
Oscillation output pin
11
Grounding pin
12
Position signal pin 1
13
Position signal pin 2
14
Position signal pin 3
15
Total current output
16
Driving output 3


Similar Part No. - AN3811NK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN38 PANASONIC-AN38 Datasheet
237Kb / 6P
   VCR CAPSTAN DIREET MOTOR DRIVE CIRCUIT
AN38 PANASONIC-AN38 Datasheet
103Kb / 11P
   Sensor-less Motor Drive IC for VTR Movie Cylinder
AN38 PANASONIC-AN38 Datasheet
55Kb / 6P
   Cylinder/capstan motor driver IC for video camera
logo
QT Optoelectronics
AN38 QT-AN38 Datasheet
700Kb / 8P
   0.300-INCH SEVEN SEGMENT DISPLAYS
AN38 QT-AN38 Datasheet
633Kb / 8P
   0.300-INCH SEVEN SEGMENT DISPLAYS
More results

Similar Description - AN3811NK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3841SR PANASONIC-AN3841SR Datasheet
31Kb / 1P
   Capstan Motor Driver IC for VCR
logo
Rohm
BA6825FS ROHM-BA6825FS Datasheet
103Kb / 6P
   2-phase motor driver for VCR cylinder motors
BA6970FS ROHM-BA6970FS Datasheet
136Kb / 9P
   2-phase motor driver for VCR cylinder motors
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
NTE Electronics
NTE1630 NTE-NTE1630 Datasheet
85Kb / 2P
   Integrated Circuit VCR Cylinder Motor Driver
logo
Panasonic Semiconductor
AN6387 PANASONIC-AN6387 Datasheet
208Kb / 4P
   VCR CYLINDER DIREET MOTOR DRIVE CIRCUIT
AN3860SA PANASONIC-AN3860SA Datasheet
155Kb / 6P
   Cylinder Motor Driver IC for Video Camera
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
logo
Panasonic Semiconductor
AN3895FHQ PANASONIC-AN3895FHQ Datasheet
55Kb / 6P
   Cylinder/capstan motor driver IC for video camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com