Electronic Components Datasheet Search |
|
TLV341IDRLR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLV341IDRLR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 24 page TLV341, TLV342, TLV344 LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLVS568B − JANUARY 2005 − REVISED DECEMBER 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 symbol (each amplifier) V+ VO − + VI − + C = 200 pF V+ Sample Clock absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, V+ (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (either input) 0 to 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 3 and 4): D package (8 pin) 97 °C/W . . . . . . . . . . . . . . . . . . . . . . D package (14 pin) 86 °C/W . . . . . . . . . . . . . . . . . . . . . DBV package 165 °C/W . . . . . . . . . . . . . . . . . . . . . . . . DCK package 259 °C/W . . . . . . . . . . . . . . . . . . . . . . . . DGK package 172 °C/W . . . . . . . . . . . . . . . . . . . . . . . . DRL package 142 °C/W . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values (except differential voltages and V+ specified for the measurement of IOS) are with respect to the network GND. 2. Differential voltages are at IN+ with respect to IN−. 3. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Selecting the maximum of 150°C can affect reliability. 4. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT V+ Supply voltage (single-supply operation) 1.5 5.5 V TA Operating free-air temperature −40 125 °C ESD protection TEST CONDITIONS TYP UNIT Human-Body Model 2000 V Machine Model 200 V |
Similar Part No. - TLV341IDRLR |
|
Similar Description - TLV341IDRLR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |