Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM31564 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDM31564
Description  256 X 16 CMOS 3.3V STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31564 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDM31564 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 8Page - List of Unclassifed Manufacturers PDM31564 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PDM31564
Rev. 1.2 - 3/31/98
3
PRELIMINARY
1
2
3
4
5
6
7
8
9
10
11
12
Operating Mode
NOTE:
H = VIH, L = VIL, X = DON’T CARE
Mode
CE
OE
WE
LB
UB
I/O7-I/O0
I/O15-I/O8
Power
Read
L
L
H
L
L
Output
Output
ICC
H
L
High Impedance
Output
ICC
L
H
Output
High Impedance
ICC
Write
L
X
L
L
L
Input
Input
ICC
H
L
High Impedance
Input
ICC
L
H
Input
High Impedance
ICC
Output Disable
L
H
H
X
x
High Impedance
High Impedance
ICC
L
X
X
H
H
High Impedance
High Impedance
ICC
Standby
H
XXXX
High Impedance
High Impedance
ISB
Absolute Maximum Ratings (1)
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect reliability.
2. Appropriate thermal calculations should be performed in all cases and specifically for
those where the chosen package has a large thermal resistance (e.g., TSOP). The
calculation should be of the form: Tj = Ta + P * θja where Ta is the ambient tempera-
ture, P is average operating power and
θ
ja the thermal resistance of the package. For
this product, use the following
θ
ja values:
SOJ: 59o C/W
TSOP: 87o C/W
Recommended DC Operating Conditions
Symbol
Rating
Com’l.
Ind.
Unit
VTERM
Terminal Voltage with Respect to VSS
–0.5 to +4.6
–0.5 to +4.6
V
TBIAS
Temperature Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
1.5
1.5
W
IOUT
DC Output Current
50
50
mA
Tj
Maximum Junction Temperature (2)
125
145
°C
Symbol
Description
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VSS
Supply Voltage
0
0
0
V
Industrial
Ambient Temperature
–40
25
85
°C
Commercial
Ambient Temperature
0
25
70
°C


Similar Part No. - PDM31564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31096 ETC1-PDM31096 Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SO ETC1-PDM31096SA10SO Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOA ETC1-PDM31096SA10SOA Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATR ETC1-PDM31096SA10SOATR Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATY ETC1-PDM31096SA10SOATY Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
More results

Similar Description - PDM31564

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com