Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1WV3216RBG-8SW Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1WV3216RBG-8SW
Description  32Mb superSRAM (2M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV3216RBG-8SW Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1WV3216RBG-8SW Datasheet HTML 1Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 2Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 3Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 4Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 5Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 6Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 7Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 8Page - Renesas Technology Corp R1WV3216RBG-8SW Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
R1W V3216R Series
Rev.1.00
2004.4.13
page 5 of 16
Operating Table
Absolute Maximum Ratings
Note 1: -2.0V in case of AC (Pulse width
30ns)
2:Maximum voltage is +4.6V
Read
A-1
High-Z
Dout
L
H
L
L
L
H
L
Write
A-1
High-Z
Din
X
L
L
L
L
H
L
Read
Dout
Dout
Dout
L
H
L
L
H
H
L
Write
Din
Din
Din
X
L
L
L
H
H
L
Read from upper byte
Dout
Dout
High-Z
L
H
L
H
H
H
L
Write in upper byte
Din
Din
High-Z
X
L
L
H
H
H
L
Output disable
High-Z
High-Z
High-Z
H
H
X
X
X
H
L
Read from lower byte
High-Z
High-Z
Dout
L
H
H
L
H
H
L
Write in lower byte
High-Z
High-Z
Din
X
L
H
L
H
H
L
Stand by
High-Z
High-Z
High-Z
X
X
H
H
H
X
X
Stand by
High-Z
High-Z
High-Z
X
X
X
X
X
L
X
Stand by
High-Z
High-Z
High-Z
X
X
X
X
X
X
H
Operation
DQ15
DQ8-14
DQ0-7
OE#
WE#
UB#
LB#
BYTE#
CS2
CS1#
Note 1. H:VIH L:VIL
X: VIH or VIL
2. BYTE# pin supported by only TSOP type. When apply BYTE# =“L” , please assign LB#=UB#=“L”.
-40 to +85
-20 to +85
0 to +70
ºC
I ver.
ºC
W ver.
-40 to +85
-20 to +85
0 to +70
ºC
I ver.
ºC
W ver.
ºC
R ver.
Tbias
Storage temperature range under bias
ºC
-65 to +150
Tstg
Storage temperature
ºC
R ver.
Topr
Operation temperature
W
0.7
PT
Power dissipation
V
-0.5*1 to Vcc+0.3*2
VT
Terminal voltage on any pin relation toVss
V
-0.5 to +4.6
Vcc
Power supply voltage relative to Vss
Unit
Value
Symbol
Parameter


Similar Part No. - R1WV3216RBG-8SW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216RBG-8SI RENESAS-R1WV3216RBG-8SI Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1WV3216RBG-8SR RENESAS-R1WV3216RBG-8SR Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
More results

Similar Description - R1WV3216RBG-8SW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com