Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1WV3216RBG-7SW Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1WV3216RBG-7SW
Description  32Mb superSRAM (2M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV3216RBG-7SW Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1WV3216RBG-7SW Datasheet HTML 5Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 6Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 7Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 8Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 9Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 10Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 11Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 12Page - Renesas Technology Corp R1WV3216RBG-7SW Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
R1W V3216R Series
Rev.1.00
2004.4.13
page 9 of 16
Write Cycle
1,2
ns
30
0
25
0
tWHZ
Write to output in high-Z
Write pulse width
1,2
ns
30
0
25
0
tOHZ
Output disable to output in high-Z
2
ns
-
5
-
5
tOW
Output active from end of write
ns
-
0
-
0
tDH
Data hold from write time
ns
-
40
-
35
tDW
Data to write time overlap
7
ns
-
0
-
0
tWR
Write recovery time
6
ns
-
0
-
0
tAS
Address setup time
ns
-
70
-
65
tBW
LB#,UB# valid to end of write
4
ns
-
60
-
55
tWP
5
ns
-
70
-
65
tCW
Chip selection to end of write
ns
-
70
-
65
tAW
Address valid to end of write
ns
-
85
-
70
tWC
Write cycle time
Max.
Min.
Max.
Min.
Notes
Unit
R1WV3216R**-8S
R1WV3216R**-7S
Symbol
Parameter
Note
1.
tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. AT any given temperature and voltage condition,
tHZ max is less than tLZ min both for a given device and
form device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#.
A write begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB#
going low or UB# going low .
A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going high and LB#
going high or UB# going high.
tWP is measured from the beginning of write to the end of write.
5.
tCW is measured from the later of CS1# going low or CS2 going high to end of write.
6.
tAS is measured the address valid to the beginning of write.
7.
tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.


Similar Part No. - R1WV3216RBG-7SW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216RBG-7SI RENESAS-R1WV3216RBG-7SI Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1WV3216RBG-7SR RENESAS-R1WV3216RBG-7SR Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
More results

Similar Description - R1WV3216RBG-7SW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com