Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN39 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN39
Description  Electronic volume IC for HiFi VCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN39 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN39 Datasheet HTML 1Page - Panasonic Semiconductor AN39 Datasheet HTML 2Page - Panasonic Semiconductor AN39 Datasheet HTML 3Page - Panasonic Semiconductor AN39 Datasheet HTML 4Page - Panasonic Semiconductor AN39 Datasheet HTML 5Page - Panasonic Semiconductor AN39 Datasheet HTML 6Page - Panasonic Semiconductor AN39 Datasheet HTML 7Page - Panasonic Semiconductor AN39 Datasheet HTML 8Page - Panasonic Semiconductor AN39 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICs for VCR
AN3969K
3
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V
s Recommended Operating Range
s Pin Descriptions
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6.0
V
Power dissipation *
1, *2
PD
186
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
s Absolute Maximum Ratings
Note) *1: Except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is the value for Ta = 75°C.
Pin No.
Description
1
In1 (L-ch.) input pin
2
Input selection control (CTL) A pin
3
Input selection control (CTL) B pin
4
EVR individual/balance mode CTL pin
5
Mix. output pin
6
EVR (L-ch.) output pin
7
EVR (R-ch.) output pin
8
Main volume adjustment pin for individual
mode L-ch./balance mode
9
Balance volume adjustment pin for
individual mode R-ch./balance mode
10
EVR On/Off CTL pin
Pin No.
Description
11
In1 (R-ch.) input pin
12
In2 (R-ch.) input pin
13
In3 (R-ch.) input pin
14
In4 (R-ch.) input pin
15
GND pin
16
VREF (1/2VCC) pin
17
Mic. input pin
18
Mic. On/Off CTL pin
19
VCC (5 V) pin
20
In4 (L-ch.) input pin
21
In3 (L-ch.) input pin
22
In2 (L-ch.) input pin
s Electrical Characteristics at V
CC = 5 V, pin 8 = 3 V, pin 9 = 3 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit current 1
IVOL
EVR individual CTL mode with no signal
14
18
23
mA
Circuit current 2
IBAL
EVR balance mode with no signal
19
25
31
mA
EVR out level L
VEOL
Typical input
−23
−20
−17
dBs
EVR out level R
VEOR
Typical input
−23
−20
−17
dBs
EVR out distortion ratio L
TEOL
Typical input

0.2
%
EVR out distortion ratio R
TEOR
Typical input

0.2
%
Note) 1. Unless otherwise specified, set a mode to In1 input selection, EVR on, EVR individual CTL, mic. off and input a typical input
that is In1 input, VIN = −20 dBs, fIN = 1 kHz and L/R simultaneous input.
2. Unless otherwise specified, measure EVR out L for L-ch. parameter and EVR out R for R-ch. parameter.


Similar Part No. - AN39

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
AN39 QT-AN39 Datasheet
404Kb / 4P
   0.300-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
AN39 FAIRCHILD-AN39 Datasheet
658Kb / 9P
   0.300-INCH SEVEN SEGMENT DISPLAYS
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
   AVS kit guidelines
logo
Panasonic Semiconductor
AN3900NSC PANASONIC-AN3900NSC Datasheet
290Kb / 5P
   Stereo Audio PLL IC for 8-mm Video Camera
AN3916 PANASONIC-AN3916 Datasheet
128Kb / 2P
   VIDEO AGC IC
More results

Similar Description - AN39

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
LV3327PV SANYO-LV3327PV Datasheet
224Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Panasonic Semiconductor
AN7384N PANASONIC-AN7384N Datasheet
47Kb / 4P
   Electronic Volume IC for Cassette Deck
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
   2-head recording and playback amplifier IC A2 for HiFi VCR
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com