Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1WV3216RBG-7S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1WV3216RBG-7S
Description  32Mb superSRAM (2M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV3216RBG-7S Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1WV3216RBG-7S Datasheet HTML 1Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 2Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 3Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 4Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 5Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 6Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 7Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 8Page - Renesas Technology Corp R1WV3216RBG-7S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev.1.00
2004.4.13
page 1 of 16
REJ03C0215-0100Z
Rev.1.00
2004.4.13
R1W V3216R Series
32Mb superSRAM (2M wordx16bit)
Description
Features
The R1WV3216R Series is a family of low voltage 32-Mbit static RAMs organized as 2097152-words by 16-bit,
fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies.
The R1WV3216R Series is suitable for memory applications where a simple interfacing , battery operating and
battery backup are the important design objectives.
The R1WV3216R Series is made by stacked-micro-package technology and two chips of 16Mbit superSRAMs
are assembled in one package.
The R1WV3216R Series is packaged in a 52pin micro thin small outline mount device[
µTSOP / 10.79mm x
10.49mm with the pin-pitch of 0.4mm] or a 48balls fine pitch ball grid array [f-BGA / 7.5mmx8.5mm with the ball-pitch
of 0.75mm and 6x8 array] . It gives the best solution for a compaction of mounting area as well as flexibility of wiring
pattern of printed circuit boards.
• Single 2.7-3.6V power supply
• Small stand-by current:4
µA (3.0V, typ.)
• Data retention supply voltage =2.0V
• No clocks, No refresh
• All inputs and outputs are TTL compatible.
• Easy memory expansion by CS1#, CS2, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie capability
• OE# prevents data contention on the I/O bus
• Process technology: 0.15um CMOS


Similar Part No. - R1WV3216RBG-7S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216RBG-7SI RENESAS-R1WV3216RBG-7SI Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1WV3216RBG-7SR RENESAS-R1WV3216RBG-7SR Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
More results

Similar Description - R1WV3216RBG-7S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com