Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4091N-DDB Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T4091N-DDB
Description  PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4091N-DDB Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T4091N-DDB Datasheet HTML 2Page - ATMEL Corporation T4091N-DDB Datasheet HTML 3Page - ATMEL Corporation T4091N-DDB Datasheet HTML 4Page - ATMEL Corporation T4091N-DDB Datasheet HTML 5Page - ATMEL Corporation T4091N-DDB Datasheet HTML 6Page - ATMEL Corporation T4091N-DDB Datasheet HTML 7Page - ATMEL Corporation T4091N-DDB Datasheet HTML 8Page - ATMEL Corporation T4091N-DDB Datasheet HTML 9Page - ATMEL Corporation T4091N-DDB Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
U4091BM-N
4666B–CORD–08/04
DC Line Interface and
Supply-voltage
Generation
The DC line interface consists of an electronic inductance and a dual-port output stage
which charges the capacitors at VMPS and VB. The value of the equivalent inductance
is given by:
The U4091BM-N contains two identical series regulators which provide a supply voltage
VMP of 3.3 V suitable for a microprocessor. In speech mode, both regulators are active
because VMPS and VB are charged simultaneously by the DC line interface. The output
current is 6 mA. The capacitor at VMPS is used to provide the microcomputer with suffi-
cient power during long line interruptions. Thus, long flash pulses can be bridged or an
LCD display can be turned on for more than 2 seconds after going on-hook. When the
system is in ringing mode, VB is charged by the on-chip ringing power converter. In this
mode, only one regulator is used to supply VMP with maximum 3 mA.
Supply Structure of
the Chip
A main benefit of the U4091BM is the easy implementation of various applications due
to the flexible system structure of the chip.
Possible applications:
Group listening phone
Hands-free phone
Phones which feature ringing with the built-in speaker amplifier
Answering machine with external supply
The special supply topology for the various functional blocks is illustrated in Figure 4 on
page 7.
There are four major supply states:
1.
Speech condition:
In speech condition, the system is supplied by the line current. If the LIDET-block
detects a line voltage above approximately 2 V, the internal signal VLON is acti-
vated. This is detected via the serial bus, all the blocks which are needed have to
be switched on via the serial bus.
For line voltages below 2 V, the switches remain in quiescent state as shown in
the diagram.
2.
Power down (pulse dialing):
When the chip is in power-down mode (Bit LOMAKE), e.g., during pulse dialing,
all internal blocks are disabled via the serial bus. In this condition, the voltage
regulators and their internal band gap are the only active blocks.
39
MICO
Microphone preamplifier output
40
AMPB
Input for playback signal of answering machine
41
AMREC
Output for recording signal of answering machine
42
STO
Output for connecting the sidetone network
43
STC
Input for sidetone network
44
STRC
Input for sidetone network
Pin Description
Pin
Symbol
Function
Note:
1. The protection device at Pin RECIN is disconnected.
L
2R
SENSE
×
C
IND
R
DC
R
30
×
()
×
×
R
DC
R
30
+
()
-------------------------------------------------------------------------------------------
=


Similar Part No. - T4091N-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4091R-DDB ATMEL-T4091R-DDB Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - T4091N-DDB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com