Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS873033AG Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS873033AG
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033AG Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS873033AG Datasheet HTML 3Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 4Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 5Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 6Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 7Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 8Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 9Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 10Page - Integrated Circuit Systems ICS873033AG Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
7
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
V
CMR
Cross Points
V
PP
V
EE
nPCLK
V
CC
PCLK
SCOPE
Qx
nQx
LVPECL
2V
-3.5V to -1.0V
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PD
nPCLK
Q
nQ
PCLK
V
CC
V
EE
RMS PHASE JITTER
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot


Similar Part No. - ICS873033AG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8732-01 IDT-ICS8732-01 Datasheet
173Kb / 17P
   Maximum output frequency
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
   700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
List of Unclassifed Man...
ICS87354AMI ETC-ICS87354AMI Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
More results

Similar Description - ICS873033AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Device Techn...
87354 IDT-87354 Datasheet
198Kb / 15P
   Differential-to-3.3V LVPECL Clock Generator
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Renesas Technology Corp
87354 RENESAS-87354 Datasheet
359Kb / 16P
   ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
2019
logo
Integrated Device Techn...
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
   Low Skew Differential-to-3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
   Low Skew, Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
   Low Skew Differential-to- 3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com