Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV12816L-10BI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV12816L-10BI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816L-10BI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LV12816L-10BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV12816L-10BI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IS61LV12816L
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
10/27/05
ISSI®
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8 ns
-10 ns
Symbol
Parameter
Min.
Max
Min.
Max.
Unit
tWC
Write Cycle Time
8
10
ns
tSCE
CE to Write End
7
8
ns
tAW
Address Setup Time
7
8
ns
to Write End
tHA
Address Hold from Write End
0
0
ns
tSA
Address Setup Time
0
0
ns
tPBW
LB, UB Valid to End of Write
6.5
8
ns
tPWE1
WE Pulse Width (OE = HIGH)
6
7
ns
tPWE2
WE Pulse Width (OE = LOW)
6.5
8
ns
tSD
Data Setup to Write End
4
5
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE(3)
WE LOW to High-Z Output
3
4
ns
tLZWE(3)
WE HIGH to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to
3.0V and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced
to the rising or falling edge of the signal that terminates the write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS61LV12816L-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10B ISSI-IS61LV12816-10B Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816-10B ICSI-IS61LV12816-10B Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12816L-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com