Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7454M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC7454M
Description  CMOS Data Slicer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7454M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC7454M Datasheet HTML 2Page - Sanyo Semicon Device LC7454M Datasheet HTML 3Page - Sanyo Semicon Device LC7454M Datasheet HTML 4Page - Sanyo Semicon Device LC7454M Datasheet HTML 5Page - Sanyo Semicon Device LC7454M Datasheet HTML 6Page - Sanyo Semicon Device LC7454M Datasheet HTML 7Page - Sanyo Semicon Device LC7454M Datasheet HTML 8Page - Sanyo Semicon Device LC7454M Datasheet HTML 9Page - Sanyo Semicon Device LC7454M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LC7454A/M
No.6685-6/16
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
min.
typ.
max.
unit
Maximum
Supply voltage
VDDMAX
VDD1,VDD2
VDD1=VDD2
-0.3
+7.0
Input voltage
VI
CVIN,SCKIN,
CE ,IOC
-0.3
VDD+0.3
Output voltage
VO
LN26,
O/ E /CFOUT,SLICE
-0.3
VDD+0.3
Input/output
voltage
VIO
DATA,
HS /CFIN
-0.3
VDD+0.3
V
DIP18
300
Allowable
power
dissipation
Pdmax
MFP20
150
mW
Operating
temperature
Topr
-30
+70
Storage
temperature
Tstg
-55
+150
°C
* VSS1 and VSS2 must be the same level.
VDD1 and VDD2 must be the same level.
2. Allowable Operating Conditions at Ta=-30
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating
Supply voltage
VDD
VDD1,VDD2
VDD1=VDD2
4.5
5.5
‘H’ level input
voltage
VIH
HS
/CFIN, DATA,
SCKIN, CE , IOC
4.5 to 5.5 0.75VDD
VDD
‘L’ level input
voltage
VIL
HS /CFIN, DATA,
SCKIN, CE , IOC
4.5 to 5.5
VSS
0.25VDD
CVIN input
amplitude
CVSYNC
CVIN
SYNC-WHITE=1.0V
4.5 to 5.5
1Vp-p
-3dB
1V
1Vp-p
+3dB
V
HS
input
frequency
range
fH
HS
/CFIN
Mode3
4.5 to 5.5
15.23
15.73
16.23
Oscillation
frequency
range
(Note 1)
FmCF
HS /CFIN
O/ E /CFOUT
•Mode2
•Refer to figure 1
4.5 to 5.5
503
kHz
Oscillation
stabilizing
time period
(Note 2)
tmsCF
HS /CFIN
O/ E /CFOUT
•MODE2
•Refer to figure 2
4.5 to 5.5
0.5
5
ms
(Note 1) Refer to table 1 for oscillator constants.
(Note 2) Oscillation stabilizing period is the time needed to stabilize the oscillation after power is fed.
Refer to figure 2.


Similar Part No. - LC7454M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7455 SANYO-LC7455 Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7455A SANYO-LC7455A Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7455M SANYO-LC7455M Datasheet
232Kb / 13P
   Closed Caption Signal Extraction IC
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
More results

Similar Description - LC7454M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
   ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
   32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
   24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
logo
STMicroelectronics
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
   48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com