Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2812DW-ES Datasheet(PDF) 2 Page - International Rectifier

Part # AFL2812DW-ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2812DW-ES Datasheet(HTML) 2 Page - International Rectifier

  AFL2812DW-ES Datasheet HTML 1Page - International Rectifier AFL2812DW-ES Datasheet HTML 2Page - International Rectifier AFL2812DW-ES Datasheet HTML 3Page - International Rectifier AFL2812DW-ES Datasheet HTML 4Page - International Rectifier AFL2812DW-ES Datasheet HTML 5Page - International Rectifier AFL2812DW-ES Datasheet HTML 6Page - International Rectifier AFL2812DW-ES Datasheet HTML 7Page - International Rectifier AFL2812DW-ES Datasheet HTML 8Page - International Rectifier AFL2812DW-ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
AFL50XXS Series
Specifications
Static Characteristics -55°C < T
CASE < +125°C, 30V< VIN < 80V
unless otherwise specified.
For Notes to Specifications, refer to page 4
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 100V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
30
50
80
V
OUTPUT VOLTAGE
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 50 Volts, 100% Load
4.95
7.92
8.91
11.88
14.85
27.72
4.90
7.84
8.82
11.76
14.70
27.44
5.00
8.00
9.00
12.00
15.00
28.00
5.05
8.08
9.09
12.12
15.15
28.28
5.10
8.16
9.18
12.24
15.30
28.56
V
V
V
V
V
V
V
V
V
V
V
V
OUTPUT CURRENT
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
VIN = 30, 50, 80 Volts - Note 6
16.0
10.0
10.0
9.0
8.0
4.0
A
A
A
A
A
A
OUTPUT POWER
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
Note 6
80
80
90
108
120
112
W
W
W
W
W
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µfd
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 50 Volts, 100% Load - Note 1, 6
-0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AFL5028S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 30, 50, 80 Volts
-70.0
-20.0
-1.0
+70.0
+20.0
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AFL5005S
AFL5008S
AFL5009S
AFL5012S
AFL5015S
AFL5028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 30, 50, 80 Volts, 100% Load,
BW = 10MHz
30
40
40
45
50
100
mVpp
mVpp
mVpp
mVpp
mVpp
mVpp


Similar Part No. - AFL2812DW-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2812DWCH IRF-AFL2812DWCH Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWCH IRF-AFL2812DWCH Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2812DWES IRF-AFL2812DWES Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2812DW-ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com