Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6874EDQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6874EDQ
Description  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6874EDQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6874EDQ Datasheet HTML 1Page - Vishay Siliconix SI6874EDQ Datasheet HTML 2Page - Vishay Siliconix SI6874EDQ Datasheet HTML 3Page - Vishay Siliconix SI6874EDQ Datasheet HTML 4Page - Vishay Siliconix SI6874EDQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si6874EDQ
Vishay Siliconix
New Product
Document Number: 71252
S-01753—Rev. A, 14-Aug-00
www.vishay.com
S FaxBack 408-970-5600
1
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.026 @ VGS = 4.5 V
6.5
20
0.031 @ VGS = 2.5 V
5.8
0.039 @ VGS = 1.8 V
5.0
Si6874EDQ
S1
G1
S2
G2
1
2
3
4
8
7
6
5
D
D
D
D
TSSOP-8
Top View
D
D
G1
S1
D
G2
S2
N-Channel
N-Channel
2.4 k
W
2.4 k
W
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
6.5
5.3
A
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
4.7
4.2
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)a
IS
1.50
1.10
Maximum Power Dissipationa
TA = 25_C
PD
1.67
1.20
W
Maximum Power Dissipationa
TA = 85_C
PD
1.06
0.76
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 10 sec
RthJA
60
75
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
86
105
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
38
45
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI6874EDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI6876EDQ VISHAY-SI6876EDQ Datasheet
53Kb / 4P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
Rev. B, 01-Jul-02
More results

Similar Description - SI6874EDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN_08 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SI8902AEDB VISHAY-SI8902AEDB Datasheet
251Kb / 11P
   N-Channel 24 V (D-S) MOSFET, Common Drain
01-Jan-2022
logo
Anachip Corp
AF4901P ANACHIP-AF4901P Datasheet
152Kb / 3P
   Dual P-Channel 30-V (D-S) Common Drain MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com