Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6874EDQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6874EDQ
Description  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6874EDQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6874EDQ Datasheet HTML 1Page - Vishay Siliconix SI6874EDQ Datasheet HTML 2Page - Vishay Siliconix SI6874EDQ Datasheet HTML 3Page - Vishay Siliconix SI6874EDQ Datasheet HTML 4Page - Vishay Siliconix SI6874EDQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si6874EDQ
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
4
Document Number: 71252
S-01753—Rev. A, 14-Aug-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
1.0
1.2
0
0.02
0.04
0.06
0.08
0123456
1
10
20
ID = 6.5 A
0
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Threshold Voltage
TJ – Temperature (_C)
SourceDrain Diode Forward Voltage
OnResistance vs. GatetoSource Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
8
32
Single Pulse Power, Junction-to-Ambient
Time (sec)
16
24
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 86_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
10
10–1
10–2


Similar Part No. - SI6874EDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI6876EDQ VISHAY-SI6876EDQ Datasheet
53Kb / 4P
   Bi-Directional N-Channel 30-V (D-S) MOSFET
Rev. B, 01-Jul-02
More results

Similar Description - SI6874EDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN_08 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SI8902AEDB VISHAY-SI8902AEDB Datasheet
251Kb / 11P
   N-Channel 24 V (D-S) MOSFET, Common Drain
01-Jan-2022
logo
Anachip Corp
AF4901P ANACHIP-AF4901P Datasheet
152Kb / 3P
   Dual P-Channel 30-V (D-S) Common Drain MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com