Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS3064B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TDS3064B
Description  DIGITAL PHOSPHOR OSCILLOSCOPES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS3064B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TDS3064B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS3064B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital Phosphor Oscilloscopes
TDS3012B • TDS3014B • TDS3024B • TDS3032B • TDS3034B • TDS3044B • TDS3052B • TDS3054B • TDS3064B
Digital Phosphor Oscilloscopes • www.tektronix.com/tds3000b
4
Characteristics
TDS3000B Series Electrical Characteristics
TDS3012B
TDS3014B
TDS3024B
TDS3032B
TDS3034B
TDS3044B TDS3052B
TDS3054B
TDS3064B
Bandwidth
100 MHz
100 MHz
200 MHz
300 MHz
300 MHz
400 MHz
500 MHz
500 MHz
600 MHz
Channels
24424
4
2
44
Sample Rate on
1.25 GS/s
1.25 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
5 GS/s
5GS/s
Each Channel
Maximum
10 K points on all models
Record Length
Vertical
9 Bits on all models
Resolution
Vertical
1 mV to 10 V on all models
Sensitivity
(/div)
Vertical
±2% on all models
Accuracy
Max Input
150 V
RMS CAT I on all models (300 V CAT II with standard 10X probe)
Voltage (1 M
Ω)
Position Range
±5 div on all models
BW Limit
20 MHz
20 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
20, 150 MHz
Input Coupling
AC, DC, GND on all models
Input
1 M
Ω in parallel with 13 pF or 50 Ω on all models
Impedance
Selections
Time Base
4 ns to
4 ns to
2 ns to
2 ns to
2 ns to
1 ns to
1 ns to
1 ns to
1 ns to
Range
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
10 s/div
Time Base
20 ppm on all models
Accuracy
Display Monitor
Color active matrix LCD on all models
(VGA)


Similar Part No. - TDS3064B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS3000 TEKTRONIX-TDS3000 Datasheet
1Mb / 4P
   Passive Voltage Probes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
Semtech Corporation
TDS3011P SEMTECH-TDS3011P Datasheet
845Kb / 8P
   Transient Diverting Suppressor 1-Line, 30V EOS Protection
Rev 2.0 6/16/2021
TDS3011P.C SEMTECH-TDS3011P.C Datasheet
845Kb / 8P
   Transient Diverting Suppressor 1-Line, 30V EOS Protection
Rev 2.0 6/16/2021
More results

Similar Description - TDS3064B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS5000B ETC1-TDS5000B Datasheet
167Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com