Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P521-23OC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # P521-23OC
Description  Low Phase Noise PECL VCXO (100MHz to 200MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P521-23OC Datasheet(HTML) 3 Page - PhaseLink Corporation

  P521-23OC Datasheet HTML 1Page - PhaseLink Corporation P521-23OC Datasheet HTML 2Page - PhaseLink Corporation P521-23OC Datasheet HTML 3Page - PhaseLink Corporation P521-23OC Datasheet HTML 4Page - PhaseLink Corporation P521-23OC Datasheet HTML 5Page - PhaseLink Corporation P521-23OC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P521-23
Low Phase Noise PECL VCXO (100MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 [www.phaselink.com]
Rev 7/28/04 Page 4
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded Outputs)
IDD
at 3.3V @ 155MHz
55
mA
Oscillator off
10
ms
Output valid after OE enabled
Oscillator on
50
ns
Operating Voltage
VDD
2.25
3.63
V
Output Clock Duty Cycle
@ Vdd – 1.3V (PECL)
45
50
55
%
Short Circuit Current
±50
mA
5. Jitter specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
2.5
Period jitter peak-to-peak at 155MHz
At 155.52MHz, with capacitive
decoupling between VDD and GND.
Over 10,000 cycles
18.5
20
ps
Accumulated jitter RMS at 155MHz
2.5
Accumulated jitter peak-to-peak at 155MHz
At 155.52MHz, with capacitive
decoupling between VDD and GND.
Over 1,000,000 cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA 3000
2.5
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.25
0.35
ps
Measured on Wavecrest SIA 3000
6. Phase noise specifications
PARAMETERS
FREQUENCY
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
UNITS
Phase Noise
relative to carrier
155.52MHz
-75
-100
-125
-140
-145
-150
dBc/Hz
Note: Phase Noise measured at VCON = 0V


Similar Part No. - P521-23OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-23DC PLL-P521-23DC Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results

Similar Description - P521-23OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
PhaseLink Corporation
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com