Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G06DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC3G06DP
Description  Inverter with open-drain outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G06DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC3G06DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 9Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 10Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 11Page - NXP Semiconductors 74HC3G06DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2003 Dec 02
8
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
AC CHARACTERISTICS
Type 74HC3G06
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPZL
propagation delay nA to nY see Figs 5 and 6
2.0
22
95
ns
4.5
918
ns
6.0
816
ns
tPLZ
propagation delay nA to nY see Figs 5 and 6
2.0
24
95
ns
4.5
11
20
ns
6.0
10
19
ns
tTHL
output transition time
see Figs 5 and 6
2.0
18
95
ns
4.5
619
ns
6.0
516
ns
Tamb = −40 to +125 °C
tPZL
propagation delay nA to nY see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns
tPLZ
propagation delay nA to nY see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
27
ns
6.0
−−
23
ns
tTHL
output transition time
see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns


Similar Part No. - 74HC3G06DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G06DP NXP-74HC3G06DP Datasheet
92Kb / 13P
   Triple inverter with open-drain outputs
Rev. 03-11 May 2009
More results

Similar Description - 74HC3G06DP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
   Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
   TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
   Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com