Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P521-39DC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # P521-39DC
Description  Low Phase Noise LVDS VCXO (65MHz to 130MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P521-39DC Datasheet(HTML) 4 Page - PhaseLink Corporation

  P521-39DC Datasheet HTML 1Page - PhaseLink Corporation P521-39DC Datasheet HTML 2Page - PhaseLink Corporation P521-39DC Datasheet HTML 3Page - PhaseLink Corporation P521-39DC Datasheet HTML 4Page - PhaseLink Corporation P521-39DC Datasheet HTML 5Page - PhaseLink Corporation P521-39DC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
P521-39
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 4
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded Outputs)
IDD
at 3.3V @ 77.76MHz
40
mA
Oscillator off
10
Output valid after OE enabled
Oscillator on
1
ms
Operating Voltage
VDD
2.25
3.63
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
45
50
55
%
Short Circuit Current
±50
mA
5. Jitter specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 77.76MHz
2.5
Period jitter peak-to-peak at 77.76MHz
At 77.76MHz, with capacitive
decoupling between VDD and GND.
Over 10,000 cycles
18.5
20
ps
Accumulated jitter RMS at 77.76MHz
2.5
Accumulated jitter peak-to-peak at 77.76MHz
At 77.76MHz, with capacitive
decoupling between VDD and GND.
Over 1,000,000 cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA 3000
2.5
ps
Integrated jitter RMS at 77.76MHz
Integrated 12 kHz to 20 MHz
0.5
0.7
ps
Measured on Wavecrest SIA 3000
6. Phase noise specifications
PARAMETERS
FREQUENCY
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
UNITS
Phase Noise
relative to carrier
77.76MHz
-75
-100
-125
-140
-145
-150
dBc/Hz
Note: Phase Noise measured at VCON = 0V


Similar Part No. - P521-39DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-38DC PLL-P521-38DC Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
More results

Similar Description - P521-39DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
logo
PhaseLink Corporation
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
   Low Phase Noise VCXO (36MHz to 130MHz)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
logo
PhaseLink Corporation
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (27MHz to 65MHz)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com