Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C14400-70TC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C14400-70TC
Description  1M-bit 횞 4 CMOS DRAM (Fast page mode or EDO)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C14400-70TC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C14400-70TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C14400-70TC Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
AS4C14400
9
Timing waveform of write cycle
(OE controlled)
Timing waveform of read-write cycle
Row
tRAS
tRC
tRP
tCRP
tRSH
tRCD
tCSH
tCAS
tRAH
tRAL
tRAD
tCAH
tCWL
tRWL
tWCR
tOEH
tOED
tDS
tDH
Data In
RAS
CAS
Address
WE
OE
I/O
Column
tDHR
tWP
tASC
tAWR
tASR
tRAS
tRWC
tRP
tCRP
tRSH
tRCD
tCSH
tCAS
tRAD
tRAL
tAR
tCAH
tCWL
tCWD
tRWL
tAWD
tWP
tOEA
tCLZ
tCAC
tAA
tDS
tDH
Row
Column
Data In
Data Out
RAS
CAS
Address
WE
OE
I/O
tRWD
tRCS
tRAC
tOEZ
tOED
tASC
tASR
tRAH


Similar Part No. - AS4C14400-70TC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
   FAST PAGE MODE
REV. 10
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
   FAST PAGE MODE
REV. 10
AS4C1259883C AUSTIN-AS4C1259883C Datasheet
27Mb / 10P
   256K x 1 DRAM
logo
Alliance Semiconductor ...
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
AS4C128M16D2-25BCN ALSC-AS4C128M16D2-25BCN Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
More results

Similar Description - AS4C14400-70TC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405F OKI-MSM51V16405F Datasheet
243Kb / 18P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com