Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5278 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN5278
Description  4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5278 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AN5278 Datasheet HTML 1Page - Panasonic Semiconductor AN5278 Datasheet HTML 2Page - Panasonic Semiconductor AN5278 Datasheet HTML 3Page - Panasonic Semiconductor AN5278 Datasheet HTML 4Page - Panasonic Semiconductor AN5278 Datasheet HTML 5Page - Panasonic Semiconductor AN5278 Datasheet HTML 6Page - Panasonic Semiconductor AN5278 Datasheet HTML 7Page - Panasonic Semiconductor AN5278 Datasheet HTML 8Page - Panasonic Semiconductor AN5278 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
AN5278
ICs for Audio Common Use
s Technical Information (continued)
2.Application Note (continued)
5) Internal AC mute pulse (during power ON/OFF)
The start-up response of the AN5278 is designed to be as smooth as possible. During power ON and OFF, the AC
mute circuit turn on momentarily. The input signal and any external noise interference are being mute. The output
DC level follows the rise and fall time of RF pin.
Condition : VCC = 18 V, CRF = 100 µF, CNF = 10 µF, CVCC = 1000 µF.
VCC
Pin9
3.2 V
2.4 V
2.8 V
3.6 V
3.6 V
100 ms
590 ms
660 ms
310 ms
VRF
Pin5
Output
Pin8
Internal line
mute pulse
Line out


Similar Part No. - AN5278

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
   15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
More results

Similar Description - AN5278

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5276 PANASONIC-AN5276 Datasheet
69Kb / 8P
   5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com