Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P580-68QC Datasheet(PDF) 10 Page - PhaseLink Corporation

Part # P580-68QC
Description  320-640MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P580-68QC Datasheet(HTML) 10 Page - PhaseLink Corporation

Back Button P580-68QC Datasheet HTML 2Page - PhaseLink Corporation P580-68QC Datasheet HTML 3Page - PhaseLink Corporation P580-68QC Datasheet HTML 4Page - PhaseLink Corporation P580-68QC Datasheet HTML 5Page - PhaseLink Corporation P580-68QC Datasheet HTML 6Page - PhaseLink Corporation P580-68QC Datasheet HTML 7Page - PhaseLink Corporation P580-68QC Datasheet HTML 8Page - PhaseLink Corporation P580-68QC Datasheet HTML 9Page - PhaseLink Corporation P580-68QC Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
PL580-68/69
320-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 10
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL580-6X X C L R
Order Number
Marking
Package Option
PL580-68OC
P580-68OC
TSSOP - Tube
PL580-68OC-R
P580-68OC
TSSOP - Tape & Reel
PL580-68OCL
P580-68OCL
TSSOP - Tube (GREEN Package)
PL580-68OCL-R
P580-68OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-68QC
P580-68QC
QFN - Tube
PL580-68QC-R
P580-68QC
QFN - Tape & Reel
PL580-68QCL
P580-68QCL
QFN - Tube (GREEN Package)
PL580-68QCL-R
P580-68QCL
QFN - Tape & Reel (GREEN Package)
PL580-69OC
P580-69OC
TSSOP - Tube
PL580-69OC-R
P580-69OC
TSSOP - Tape & Reel
PL580-69OCL
P580-69OCL
TSSOP - Tube (GREEN Package)
PL580-69OCL-R
P580-69OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-69QC
P580-69QC
QFN - Tube
PL580-69QC-R
P580-69QC
QFN - Tape & Reel
PL580-69QCL
P580-69QCL
QFN - Tube (GREEN Package)
PL580-69QCL-R
P580-69QCL
QFN - Tape & Reel (GREEN Package)
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP
Q= QFN 4x4
L= GREEN PACKAGE
NONE= REGULAR PACKAGE
R= TAPE & REEL
NONE= TUBE
PART NUMBER


Similar Part No. - P580-68QC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580-001 TRIPPLITE-P580-001 Datasheet
156Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 1-ft.
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003 TRIPPLITE-P580-003 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P580-003-8K6 TRIPPLITE-P580-003-8K6 Datasheet
50Kb / 3P
   DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, Black, 3 ft. (0.9 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
More results

Similar Description - P580-68QC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com