Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P580-68QCL Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # P580-68QCL
Description  320-640MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P580-68QCL Datasheet(HTML) 7 Page - PhaseLink Corporation

Back Button P580-68QCL Datasheet HTML 2Page - PhaseLink Corporation P580-68QCL Datasheet HTML 3Page - PhaseLink Corporation P580-68QCL Datasheet HTML 4Page - PhaseLink Corporation P580-68QCL Datasheet HTML 5Page - PhaseLink Corporation P580-68QCL Datasheet HTML 6Page - PhaseLink Corporation P580-68QCL Datasheet HTML 7Page - PhaseLink Corporation P580-68QCL Datasheet HTML 8Page - PhaseLink Corporation P580-68QCL Datasheet HTML 9Page - PhaseLink Corporation P580-68QCL Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(Preliminary)
PL580-68/69
320-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 7
10. PECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Output High Voltage
VOH
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
Ω to (VDD – 2V)
(see figure)
VDD – 1.620
V
11. PECL Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Clock Rise Time
tr
@20/80% - PECL
0.2
0.3
0.45
ns
Clock Fall Time
tf
@80/20% - PECL
0.2
0.3
0.45
ns
OUT
OUT
50
50
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
t
R
t
F
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
t
SKEW
PECL Output Skew
2.0V


Similar Part No. - P580-68QCL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580-001 TRIPPLITE-P580-001 Datasheet
156Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 1-ft.
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003 TRIPPLITE-P580-003 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P580-003-8K6 TRIPPLITE-P580-003-8K6 Datasheet
50Kb / 3P
   DisplayPort Cable with Latching Connectors (M/M), 8K 60 Hz, HDR, HBR3, 4:4:4, HDCP 2.2, Black, 3 ft. (0.9 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
   DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
More results

Similar Description - P580-68QCL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com