Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL602-37QILR Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL602-37QILR
Description  750kHz -800MHz Low Phase Noise Multiplier XO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-37QILR Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL602-37QILR Datasheet HTML 1Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 2Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 3Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 4Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 5Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 6Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 7Page - PhaseLink Corporation PLL602-37QILR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PLL602-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 6
9. PECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Output High Voltage
VOH
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
Ω to (VDD – 2V)
(see figure)
VDD – 1.620
V
10. PECL Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Clock Rise Time
tr
0.8V ~ 2.0V
1.5
ns
Clock Fall Time
tf
2.0V ~ 0.8V
1.5
ns
Duty Cycle
Measured @ 1.4V
40
50
60
%
OUT
OUT
50
50
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
t
R
t
F
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
t
SKEW
PECL Output Skew
2.0V


Similar Part No. - PLL602-37QILR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-30DC PLL-PLL602-30DC Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-30DI PLL-PLL602-30DI Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
PLL602-38NSCL PLL-PLL602-38NSCL Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
More results

Similar Description - PLL602-37QILR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com