Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5016AJ-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN5016AJ-E
Description  SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5016AJ-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN5016AJ-E Datasheet HTML 1Page - STMicroelectronics VN5016AJ-E Datasheet HTML 2Page - STMicroelectronics VN5016AJ-E Datasheet HTML 3Page - STMicroelectronics VN5016AJ-E Datasheet HTML 4Page - STMicroelectronics VN5016AJ-E Datasheet HTML 5Page - STMicroelectronics VN5016AJ-E Datasheet HTML 6Page - STMicroelectronics VN5016AJ-E Datasheet HTML 7Page - STMicroelectronics VN5016AJ-E Datasheet HTML 8Page - STMicroelectronics VN5016AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
January 2005
This is preliminary information on a new product now in development. Details are subject to change without notice.
VN5016AJ-E
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG
CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Rev. 2
Table 1. General Features
OUTPUT CURRENT: 40A
3.0V CMOS COMPATIBLE INPUT
CURRENT SENSE DISABLE
PROPORTIONAL LOAD CURRENT SENSE
UNDERVOLTAGE SHUT-DOWN
OVERVOLTAGE CLAMP
THERMAL SHUT DOWN
CURRENT AND POWER LIMITATION
VERY LOW STAND-BY CURRENT
PROTECTION AGAINST LOSS OF GROUND
AND LOSS OF VCC
VERY LOW ELECTROMAGNETIC
SUSCEPTIBILITY
OPTIMIZED ELECTROMAGNETIC EMISSION
REVERSE BATTERY PROTECTION (*)
IN COMPLIANCE WITH THE 2002/95/EC
EUROPEAN DIRECTIVE
DESCRIPTION
The VN5016AJ-E is a monolithic device made
using STMicroelectronics VIPower technology. It
is intended for driving resistive or inductive loads
with one side connected to ground. Active VCC pin
voltage clamp protects the device against low
energy
spikes
(see
ISO7637
transient
compatibility table).
Figure 1. Package
This device integrates an analog current sense
which delivers a current proportional to the load
current (according to a known ratio) when CS_DIS
is driven low or left open.
When CS_DIS is driven high, the CURRENT
SENSE pin is in a high impedance condition.
Output current limitation protects the device in
overload condition. In case of long overload
duration, the device limits the dissipated power to
safe level up to thermal shut-down intervention.
Thermal shut-down with automatic restart allows
the device to recover normal operation as soon as
fault condition disappears.
Table 2. Order Codes
Note: (*) See application schematic at page 8
TYPE
VCC
RDS(on)
ID
VN5016AJ-E
41V
16m
40A
PowerSSO-12
Package
Tube
Tape and Reel
PowerSSO-12
VN5016AJ-E
VN5016AJTR-E
ADVANCE DATA


Similar Part No. - VN5016AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
526Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E_08 Datasheet
526Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
More results

Similar Description - VN5016AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
   Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
   Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
   Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
   Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
   Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com