Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4009LLECJ-553C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AS5C4009LLECJ-553C
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS5C4009LLECJ-553C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AS5C4009LLECJ-553C Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5C4009LLECJ-553C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SRAM
AS5C4009LL
Austin Semiconductor, Inc.
AS5C4009LL
Rev. 4.0 2/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**NOTE: All CSOJ devices, please consult factory. Not all combinations of
operating temperature, speed, data retention and low power are necessarily
available. Please contact the factory for availability of specific part number
combinations.
***NOTE: Plastic devices not available as 883. For XT or 55ns devices,
contact factory.
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS5C4009LL
CW
-55
/*
AS5C4009LL
ECJ
-55
/*
AS5C4009LL
CW
-70
/*
AS5C4009LL
ECJ
-70
/*
AS5C4009LL
CW
-85
/*
AS5C4009LL
ECJ
-85
/*
AS5C4009LL
CW
-100
/*
AS5C4009LL
ECJ
-100
/*
Device Number
Package
Type
Speed
ns
Process
AS5C4009LL
DG
-55
/*
AS5C4009LL
DG
-70
/*
AS5C4009LL
DG
-85
/*
AS5C4009LL
DG
-100
/*
EXAMPLE: AS5C4009LLDG-55/IT ***
EXAMPLE: AS5C4009LLECJ-55/883C **
EXAMPLE: AS5C4009LLCW-55/883C **


Similar Part No. - AS5C4009LLECJ-553C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
AS5C4009 AUSTIN-AS5C4009 Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
List of Unclassifed Man...
AS5C4009CW-100/H ETC1-AS5C4009CW-100/H Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
AS5C4009CW-100/H AUSTIN-AS5C4009CW-100/H Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
More results

Similar Description - AS5C4009LLECJ-553C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com