Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2695SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2695SD
Description  High Voltage (30V, 1.25A) Step Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2695SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2695SD Datasheet HTML 5Page - National Semiconductor (TI) LM2695SD Datasheet HTML 6Page - National Semiconductor (TI) LM2695SD Datasheet HTML 7Page - National Semiconductor (TI) LM2695SD Datasheet HTML 8Page - National Semiconductor (TI) LM2695SD Datasheet HTML 9Page - National Semiconductor (TI) LM2695SD Datasheet HTML 10Page - National Semiconductor (TI) LM2695SD Datasheet HTML 11Page - National Semiconductor (TI) LM2695SD Datasheet HTML 12Page - National Semiconductor (TI) LM2695SD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Start-Up Regulator, V
CC
The start-up regulator is integral to the LM2695. The input
pin (VIN) can be connected directly to line voltage up to 30V,
with transient capability to 33V. The V
CC output regulates at
7.0V, and is current limited at 9.7 mA. Upon power up, the
regulator sources current into the external capacitor at VCC
(C3). When the voltage on the VCC pin reaches the under-
voltage lockout threshold of 5.7V, the buck switch is enabled
and the Softstart pin is released to allow the Softstart capaci-
tor (C6) to charge up.
The minimum input voltage is determined by the regulator’s
dropout voltage, the V
CC UVLO falling threshold (
)5.5V),
and the frequency. When V
CC falls below the falling thresh-
old the V
CC UVLO activates to shut off the output. If VCC is
externally loaded, the minimum input voltage increases
since the output impedance at V
CC is
)140
Ω.
To reduce power dissipation in the start-up regulator, an
auxiliary voltage can be diode connected to the V
CC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off
the internal regulator, reducing internal power dissipation.
The sum of the auxiliary voltage and the input voltage (V
CC
+V
IN) cannot exceed 47V. Internally, a diode connects VCC
to VIN. See Figure 5.
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the
Softstart pin (2.5V). In normal operation (the output voltage
is regulated), an on-time period is initiated when the voltage
at FB falls below 2.5V. The buck switch stays on for the
programmed on-time, causing the FB voltage to rise above
2.5V. After the on-time period, the buck switch stays off until
the FB voltage falls below 2.5V. Input bias current at the FB
pin is less than 100 nA over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference.
If the voltage at FB rises above 2.9V the on-time pulse is
immediately terminated. This condition can occur if the input
voltage or the output load changes suddenly, or if the induc-
tor (L1) saturates. The buck switch remains off until the
voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM2695 is determined by the R
ON resis-
tor and the input voltage (V
IN), and is calculated from:
(4)
See Figure 2. The inverse relationship with V
IN results in a
nearly constant frequency as V
IN is varied. To set a specific
continuous conduction mode switching frequency (FS), the
R
ON resistor is determined from the following:
(5)
In high frequency applicatons the minimum value for t
ON is
limited by the maximum duty cycle required for regulation
and the minimum off-time of (250 ns, ±15%). The minimum
off-time limits the maximum duty cycle achievable with a low
voltage at V
IN. The minimum allowed on-time to regulate the
desired V
OUT at the minimum VIN is determined from the
following:
(6)
20170411
FIGURE 5. Self Biased Configuration
www.national.com
9


Similar Part No. - LM2695SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695SD/NOPB TI-LM2695SD/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM2695SDX/NOPB TI-LM2695SDX/NOPB Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
More results

Similar Description - LM2695SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI1-LM34910_14 Datasheet
874Kb / 17P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com