Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5392FBQ Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN5392FBQ
Description  Luminance and color difference drive/cutoff signal processor IC with I2C bus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5392FBQ Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN5392FBQ Datasheet HTML 5Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 6Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 7Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 8Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 9Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 10Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 11Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 12Page - Panasonic Semiconductor AN5392FBQ Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ICs for TV
AN5392FBQ
9
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Y system
Y (M1)
DYIN1
VCC1 = 9 V, V46 = 1.5 V
1.4
V[p-p]
input dynamic range
Contrast: typ.
Y (M2)
DYIN2
VCC1 = 9 V, V46 = 1.5 V
1.4
V[p-p]
input dynamic range
Contrast: typ.
Y (sub)
DYIN3
VCC1 = 9 V, V46 = 1.5 V
1.4
V[p-p]
input dynamic range
Contrast: typ.
R, G, B
DOUT
VCC1 = 9 V
4.5
V[p-p]
output dynamic range
for pedestal 3 V
APL detection stop
APLS
BLK, DI
= 5 V
0
V
Black extension inhibition delay tHBLACK
BLK, delay from DI input
60
ns
DC regeneration ratio 4
DC4
Input signal: APL10%
→ 90%
100
%
DC regeneration pin: Open
S/N
S/N
Band width 20 MHz
−56
dB
Y output amplitude dependence
Y/
∆T
−20°C to +70°C
±2
%
on ambient temperature
Y signal delay time
tdY
f
= 5 MHz
15
ns
VM out gain
AVM
Input: Sine wave 0.2 V[p-p], f
= 1 MHz
1.0
Times
VM out pedestal level
DCVM
3.9
V
Pedestal level fluctuation
∆V
PM/S
At high speed switching within
±50
mV
at M/S changeover
1H period
Color difference system
Pr, Pb input (M1)
DCIN1
Tint SW: HD mode
±0.7
V[p-p]
dynamic range
Pr, Pb input (M2)
DCIN2
Tint SW: HD mode
±0.7
V[p-p]
dynamic range
Pr, Pb input (sub)
DCIN3
Tint SW: HD mode
±0.7
V[p-p]
dynamic range
B
−Y input (M1)
DPB1N
Tint SW: NTSC mode
±1.3
V[p-p]
dynamic range
B
−Y input (M2)
DPB2N
Tint SW: NTSC mode
±1.3
V[p-p]
dynamic range
B
−Y input (sub)
DPB3N
Tint SW: NTSC mode
±1.3
V[p-p]
dynamic range
R
−Y angle adjusting range 2
θ
R2
R
−Y axis: min.
0
°
Color difference contrast ratio
CCONT
Contrast: min.
→ max.
29
dB
s Electrical Characteristics at VCC1 = 9 V, VCC2 = 5 V, Ta = 25°C (continued)
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.


Similar Part No. - AN5392FBQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5394FB PANASONIC-AN5394FB Datasheet
238Kb / 33P
   RGB processor IC for the HDTV(Japan) and wide-screen TV
AN5395FBP PANASONIC-AN5395FBP Datasheet
204Kb / 20P
   Contour correction IC for HDTV
More results

Similar Description - AN5392FBQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sanyo Semicon Device
LA7698 SANYO-LA7698 Datasheet
143Kb / 5P
   Color-Difference Signal Correction IC for Color TVs
logo
Panasonic Semiconductor
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
logo
Toshiba Semiconductor
TB1274BFG TOSHIBA-TB1274BFG Datasheet
840Kb / 37P
   LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
logo
Panasonic Semiconductor
AN5160NK PANASONIC-AN5160NK Datasheet
184Kb / 3P
   VIF SIF VIDEO COLOR AND SYNCHRONOUS SIGNAL PROCESSOR IC
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
logo
Sanyo Semicon Device
LA7323 SANYO-LA7323 Datasheet
551Kb / 13P
   Single-Chip HQ Luminance Signal Processor
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
Toshiba Semiconductor
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com