Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-28 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL620-28
Description  Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-28 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL620-28 Datasheet HTML 1Page - PhaseLink Corporation PLL620-28 Datasheet HTML 2Page - PhaseLink Corporation PLL620-28 Datasheet HTML 3Page - PhaseLink Corporation PLL620-28 Datasheet HTML 4Page - PhaseLink Corporation PLL620-28 Datasheet HTML 5Page - PhaseLink Corporation PLL620-28 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL620-28/-29
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 07/08/05 Page 5
8. PECL Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Output High Voltage
VOH
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
Ω to (VDD – 2V)
(see figure)
VDD – 1.620
V
9. PECL Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Clock Rise Time
tr
@20/80% - PECL
0.6
1.5
ns
Clock Fall Time
tf
@80/20% - PECL
0.5
1.5
ns
OUT
OUT
50
50
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
t
R
t
F
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
t
SKEW
PECL Output Skew
2.0V


Similar Part No. - PLL620-28

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
   Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-20DC PLL-PLL620-20DC Datasheet
203Kb / 7P
   Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-21 PLL-PLL620-21 Datasheet
215Kb / 7P
   Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL620-21DC PLL-PLL620-21DC Datasheet
215Kb / 7P
   Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL620-21DI PLL-PLL620-21DI Datasheet
215Kb / 7P
   Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
More results

Similar Description - PLL620-28

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
   Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
logo
PhaseLink Corporation
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
   Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
logo
Abracon Corporation
ABV2028 ABRACON-ABV2028 Datasheet
94Kb / 7P
   Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
logo
PhaseLink Corporation
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
List of Unclassifed Man...
PLL620-05 ETC1-PLL620-05 Datasheet
266Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
   CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-70 PLL-PLL520-70 Datasheet
91Kb / 5P
   CMOS Low Phase Noise VCXO (for 45-90MHz Fund Xtal)
PLL620-05 PLL-PLL620-05 Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com