Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5394FB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN5394FB
Description  RGB processor IC for the HDTV(Japan) and wide-screen TV
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5394FB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN5394FB Datasheet HTML 1Page - Panasonic Semiconductor AN5394FB Datasheet HTML 2Page - Panasonic Semiconductor AN5394FB Datasheet HTML 3Page - Panasonic Semiconductor AN5394FB Datasheet HTML 4Page - Panasonic Semiconductor AN5394FB Datasheet HTML 5Page - Panasonic Semiconductor AN5394FB Datasheet HTML 6Page - Panasonic Semiconductor AN5394FB Datasheet HTML 7Page - Panasonic Semiconductor AN5394FB Datasheet HTML 8Page - Panasonic Semiconductor AN5394FB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ICs for TV
AN5394FB
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
(2) Y-system (continued)
White gradation correction 1 *
2
Y
γ1
Input: Total white 0.7 V[0-p]
10
16
22
%
Gain: max. Level: typ.
→ max.
White gradation SW: On
White gradation correction 2 *
2
Y
γ2
Input: Total white 0.7 V[0-p]
−26
−20
−14
%
Gain: max. Level: typ.
→ min.
White gradation SW: On
Black extension
YBL1
Output amplitude 0 V[p-p]
− 0.1
0
0.1
V
characteristics 1 *
3
Level: typ., gain: min.
→ max.
Black extension
YBL2
Input: Total white 0.7 V[0-p]
− 0.86 − 0.66 − 0.46
V
characteristics 2 *
3
Output amplitude1.0 V[0-p], contrast adj
level: typ., gain: min.
→ max.
Black extension
YBL3
Input: Total white 0.7 V[0-p]
− 0.1
0
0.1
V
characteristics 3 *
3
Output amplitude1.6 V[0-p], contrast adj
level: typ., gain: min.
→ max.
Black extension
YBL4
Black detection open
→ 3 V
− 0.8 − 0.6 − 0.4
V
characteristics 4 *
4
Level: typ., gain: typ.
Black extension
YBL5
Black detection open
→ 3 V
−1.5
−1.1 − 0.7
V
characteristics 5 *
4
Level: typ., gain: max.
Black extension
YBL6
Black detection open
→ 3 V
−1.20 − 0.75 − 0.30
V
characteristics 6 *
4
Level: min.
→ max., gain: typ.
White character correction 1 *
2
VW1
Input: Total white 0.7 V[0-p]
10.0
25.0
40.0
%
Blooming DC adjustment
Level: max., gain: min.
→ typ.
White character correction 2 *
2
VW2
Input: Total white 0.7 V[0-p]
−9.3
0
9.3
%
Blooming DC adjustment
Level: min., gain: min.
→ max.
White character correction off *
2
WOFF
Y input: Total white 0.7 V[0-p]
− 0.2
0
0.2
V
C-Y input: 0.2 V[0-p]
Level: min., gain: min.
→ max.
ABL off *
5
VABL1
ABL/ACL pin 7.5 V
− 0.1
0
0.1
V
Level: min., gain: min.
→ max.
ABL start 1*
5
VABL2
ABL/ACL pin 3 V
0.28
0.39
0.50
V
Level: min.
→ max., gain: max.
ABL start 2*
5
VABL3
ABL/ACL pin 3 V
− 0.84 − 0.64 − 0.44
V
Level: min., gain: min.
→ max.
ABL gain 1*
5
AABL
ABL/ACL pin 5 V
→ 3 V
− 0.48 − 0.37 − 0.26
V
Level: typ., gain: max.
Note) *2: Adjust the blooming DC voltage (pin 26).
*3: Black gradation SW: On
*4: Black gradation SW: On, brightness: max.
*5: ABLSW: On, brightness: max.
s Electrical Characteristics at VCC1 = 9 V, VCC2 = 5 V, Ta = 25°C (continued)


Similar Part No. - AN5394FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5392FBQ PANASONIC-AN5392FBQ Datasheet
206Kb / 23P
   Luminance and color difference drive/cutoff signal processor IC with I2C bus
AN5395FBP PANASONIC-AN5395FBP Datasheet
204Kb / 20P
   Contour correction IC for HDTV
More results

Similar Description - AN5394FB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
logo
Panasonic Semiconductor
AN5867K PANASONIC-AN5867K Datasheet
36Kb / 1P
   RGB Interface IC for TV/Monitor/Display
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
   TV-AUDIO PROCESSOR IC
2SC5857 TOSHIBA-2SC5857 Datasheet
197Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com