Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5395FBP Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN5395FBP
Description  Contour correction IC for HDTV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5395FBP Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN5395FBP Datasheet HTML 1Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 2Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 3Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 4Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 5Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 6Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 7Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 8Page - Panasonic Semiconductor AN5395FBP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICs for TV
AN5395FBP
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit voltage
V46
1.80
2.90
4.00
V
Circuit voltage
V47
4.50
5.63
6.76
V
Circuit voltage
V48
1.80
2.90
4.00
V
Circuit current
I23
−1.50 0.00
1.50
µA
Circuit current
I43
−1.50 0.00
1.50
µA
C-D.L block
PB output dynamic range
VDR15
VIN47 = 5.18 V to 6.08 V
0.9
1.2
1.5
V[p-p]
PR output dynamic range
VDR13
VIN1 = 5.18 V to 6.08 V
0.9
1.2
1.5
V[p-p]
Delay time changeover switch C1
VTH46
0.9
1.5
2.1
V
threshold level
Delay time changeover switch C2
VTH48
0.9
1.5
2.1
V
threshold level
PB signal output gain (HD)
GA(PB,1) VA(PB,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PB signal output gain (MUSE)
GB(PB,1) VB(PB,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PB signal output gain (NTSC1)
GC(PB,1) VC(PB,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PB signal output gain (NTSC2)
GD(PB,1) VD(PB,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PB signal output gain difference
GB/A(PB) VB(PB,1) /VA(PB,1)
−10
1
dB
(MUSE/HD)
PB signal output gain difference
GC/A(PB) VC(PB,1) /VA(PB,1)
−10
1
dB
(NTSC1/HD)
PB signal output gain difference
GD/A(PB) VD(PB,1) /VA(PB,1)
−10
1
dB
(NTSC2/HD)
PR signal output gain (HD)
GA(PR,1) VA(PR,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PR signal output gain (MUSE)
GB(PR,1) VB(PR,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PR signal output gain (NTSC1)
GC(PR,1) VC(PR,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PR signal output gain (NTSC2)
GD(PR,1) VD(PR,1) / 0.1 V[p-p]
1.81
2.92
3.91
dB
PR signal output gain difference (MUSE/HD)
GB/A(PR) VB(PR,1) /VA(PR,1)
−10
1
dB
PR signal output gain difference (NTSC1/HD) GC/A(PR) VC(PR,1) /VA(PR,1)
−10
1
dB
PR signal output gain difference (NTSC2/HD) GD/A(PR) VD(PR,1) /VA(PR,1)
−10
1
dB
PB, PR signal output gain difference (HD) ∆GA(C)
VA(PB,1) /VA(PR,1)
−10
1
dB
PB, PR signal output gain difference
∆G
B(C)
VB(PB,1) /VB(PR,1)
−10
1
dB
(MUSE)
PB, PR signal output gain difference
∆G
C(C)
VC(PB,1) /VC(PR,1)
−10
1
dB
(NTSC1)
PB, PR signal output gain difference
∆G
D(C)
VD(PB,1) /VD(PR,1)
−10
1
dB
(NTSC2)
PB signal frequency characteristics (HD)
GA(PB,F) VA(PB,20) /VA(PB,1)
−6
−30
dB
PB signal frequency characteristics (MUSE) GB(PB,F) VB(PB,20) /VB(PB,1)
−6
−30
dB
PB signal frequency characteristics (NTSC1) GC(PB,F) VC(PB,16) /VC(PB,1)
−6
−30
dB
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN5395FBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5392FBQ PANASONIC-AN5392FBQ Datasheet
206Kb / 23P
   Luminance and color difference drive/cutoff signal processor IC with I2C bus
AN5394FB PANASONIC-AN5394FB Datasheet
238Kb / 33P
   RGB processor IC for the HDTV(Japan) and wide-screen TV
More results

Similar Description - AN5395FBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5385K PANASONIC-AN5385K Datasheet
85Kb / 9P
   Contour correction IC
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
   IC for landing correction
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
Toshiba Semiconductor
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
Fuji Electric
FA5331P FUJI-FA5331P Datasheet
151Kb / 13P
   Bipolar IC For Power Factor Correction
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
logo
Panasonic Semiconductor
AN5768 PANASONIC-AN5768 Datasheet
47Kb / 5P
   TILT correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com