Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5441S Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN5441S
Description  Deflection distortion correction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5441S Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN5441S Datasheet HTML 5Page - Panasonic Semiconductor AN5441S Datasheet HTML 6Page - Panasonic Semiconductor AN5441S Datasheet HTML 7Page - Panasonic Semiconductor AN5441S Datasheet HTML 8Page - Panasonic Semiconductor AN5441S Datasheet HTML 9Page - Panasonic Semiconductor AN5441S Datasheet HTML 10Page - Panasonic Semiconductor AN5441S Datasheet HTML 11Page - Panasonic Semiconductor AN5441S Datasheet HTML 12Page - Panasonic Semiconductor AN5441S Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICs for TV
AN5441S
9
Pin No.
Equivalent circuit
Description
Voltage
11
H sawtooth AGC voltage pin
DC
1.5 V to
10 V
12
Blanking pulse output pin:
AC
Horizontal/vertical BLK output pin
(Pulse)
Blanking output high-level with neck
input low-level
13
Broken neck detection pin:
DC
Normal;
High-level
(apply 1 V or more)
Abnormal; Low-levrl
(apply 0.4 V or more)
(Broken neck mode)
There is no broken neck operation
when service SW is on.
14
Refer to pin 9 and pin 10 equivalent circuit.
Sawtooth input pin for V-BLK:
AC
15
VCC3 (typ. 12 V):
DC
For BLK pulse generation circuit.
12 V
s Terminal Equivalent Circuits (continued)
11
12 V (VCC3)
12 V (VCC2)
600 k
H-AGC pulse
H-AGC pulse
12
12 V (VCC3)
12 V (VCC2)
200
30 k
100 k
13
12 V (VCC2)
12 V (VCC3)
140 k
V-SAW


Similar Part No. - AN5441S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
More results

Similar Description - AN5441S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5491K PANASONIC-AN5491K Datasheet
153Kb / 17P
   Synchronous signal and deflection distortion correction processing IC supporting I2C bus for HD, wide television
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
logo
Hangzhou Youwang Electr...
UTC78040 YOUWANG-UTC78040 Datasheet
118Kb / 5P
   VERTICAL DEFLECTION IC
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C300 INTRONICS-C300 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Toshiba Semiconductor
TA1310ANG TOSHIBA-TA1310ANG Datasheet
2Mb / 106P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com