Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5441S Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN5441S
Description  Deflection distortion correction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5441S Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN5441S Datasheet HTML 5Page - Panasonic Semiconductor AN5441S Datasheet HTML 6Page - Panasonic Semiconductor AN5441S Datasheet HTML 7Page - Panasonic Semiconductor AN5441S Datasheet HTML 8Page - Panasonic Semiconductor AN5441S Datasheet HTML 9Page - Panasonic Semiconductor AN5441S Datasheet HTML 10Page - Panasonic Semiconductor AN5441S Datasheet HTML 11Page - Panasonic Semiconductor AN5441S Datasheet HTML 12Page - Panasonic Semiconductor AN5441S Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AN5441S
ICs for TV
10
Pin No.
Equivalent circuit
Description
Voltage
16
Vertical feedback input pin:
AC
Short-circuit this pin with pin 17 in
normal use
17
Vertical output pin:
AC
Short-circuit this pin with pin 16 in
normal use
18
EW output pin:
AC
19
Upper and lower corner slice voltage
DC
input pin
0 V to
1.5 V
s Terminal Equivalent Circuits (continued)
V out
15 k
50
µA
50
µA
400
µA
400
µA
5 V
12 V (VCC2)
16
200
1.2 mA
12 V (VCC2)
17
10 k
40 k
12 V (VCC2)
18
1.5 V
EW out
19
12 V (VCC2)
50
µA
50
µA
1.25 V
V out


Similar Part No. - AN5441S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
More results

Similar Description - AN5441S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5491K PANASONIC-AN5491K Datasheet
153Kb / 17P
   Synchronous signal and deflection distortion correction processing IC supporting I2C bus for HD, wide television
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
logo
Hangzhou Youwang Electr...
UTC78040 YOUWANG-UTC78040 Datasheet
118Kb / 5P
   VERTICAL DEFLECTION IC
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C300 INTRONICS-C300 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Toshiba Semiconductor
TA1310ANG TOSHIBA-TA1310ANG Datasheet
2Mb / 106P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com