Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-50 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL701-50
Description  Low EMI Spread Spectrum Multiplier IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-50 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL701-50 Datasheet HTML 1Page - PhaseLink Corporation PLL701-50 Datasheet HTML 2Page - PhaseLink Corporation PLL701-50 Datasheet HTML 3Page - PhaseLink Corporation PLL701-50 Datasheet HTML 4Page - PhaseLink Corporation PLL701-50 Datasheet HTML 5Page - PhaseLink Corporation PLL701-50 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLL701-50
Low EMI Spread Spectrum Multiplier IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 3
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation magnitude
The PLL701-50 provides selectable multiplier factors (1x to 8X), selectable spread spectrum modulation type, as
well as selectable modulation magnitude. Selection is made by connecting specific input pins to a logical “zero” or
“one”. Pins 6 (SC0), 7 (SC1), 8 (SC2) and 12 (SC3) are used as inputs to select the spread spectrum modulation
magnitude as shown on the spread spectrum selection table (page 2). Pins 3 (M2), 4 (M1), 5 (M0) are used as
inputs to select the multiplication factor as shown on the output clock selection table (page 1). Pin 11 is the output
enable pin, which tri-states all outputs when low (logical “zero”).
In order to reduce the number of pins on the chip, the PLL701-50 uses pins 2 and 14 (XOUT/SD0 and REF/SD1) as
bi-directional pins. The pins serve as modulation type selector inputs (SD0 and SD1) upon power-up (see spread
spectrum selection table on page 2), and as XOUT crystal connection (pin 2), and REF output signal (pin 14) as
soon as the inputs have been latched.
Connecting a selection pin to a logical “one”
All selection pins have an internal pull-up resistor (30k
Ω for pins 3, 4, 5, 6, 7, 8, 11, 12, 14 and 120kΩ for pin 2).
This internal pull-up resistor will pull the input value to a logical “one” (pull-up) by default, i.e. when no resistive
load is connected between the pin and GND. No external pull-up resistor is therefore required for connecting a
logical “one” upon power-up.
Connecting a selection pin to a logical “zero”
For an input only pin, i.e. all input pins except XOUT/SD0 (pin 2) and REF/SD1 (pin 14), the pin simply needs to be
grounded to pull the input down to a logical “zero”. For the Bidirectional pins ( pins 2 and 14 ) you will need an
external resistor. For pin 2 a 27k
Ω resistor is recommended and for pin 14 a 4.7kΩ resistor is recommended.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.


Similar Part No. - PLL701-50

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-02 PLL-PLL701-02 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-04 PLL-PLL701-04 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05SC PLL-PLL701-05SC Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-50

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com