Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P702-01XCL Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # P702-01XCL
Description  Clock Generator for PowerPC Based Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P702-01XCL Datasheet(HTML) 8 Page - PhaseLink Corporation

  P702-01XCL Datasheet HTML 1Page - PhaseLink Corporation P702-01XCL Datasheet HTML 2Page - PhaseLink Corporation P702-01XCL Datasheet HTML 3Page - PhaseLink Corporation P702-01XCL Datasheet HTML 4Page - PhaseLink Corporation P702-01XCL Datasheet HTML 5Page - PhaseLink Corporation P702-01XCL Datasheet HTML 6Page - PhaseLink Corporation P702-01XCL Datasheet HTML 7Page - PhaseLink Corporation P702-01XCL Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 07/18/05 Page 8
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL702-01 X X X X
Part / Order Number
Marking
Package Option
Temperature
PLL702-01XC-R
P702-01XC
SSOP -Tape and Reel
0 to +70゚C
PLL702-01XC
P702-01XC
SSOP -Tubes
0 to +70゚C
PLL702-01XCLR
P702-01XCL
SSOP -Tape and Reel
0 to +70゚C
PLL702-01XCL
P702-01XCL
SSOP -Tubes
0 to +70゚C
A1
D
C
L
A
e
EE1
B
28PIN SSOP
L
0.022
0.038
0.55
0.95
0.220
e
0.65BSC
0.0256BSC
E1
5.00
5.60
0.197
0.413
E
7.40
8.20
0.291
0.323
D
9.9
10.5
0.390
0.015
C
0.09
0.25
0.004
0.010
B
0.25
0.38
0.01
0.079
A1
0.05
0.002
A
2.0
Unit
mm
inches
min
max
min
max
Package
SSOP (QSOP) 209mil
Pins#
28
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
X=SSOP
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL


Similar Part No. - P702-01XCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P702-02XC PLL-P702-02XC Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-02XCL PLL-P702-02XCL Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-05SC PLL-P702-05SC Datasheet
244Kb / 6P
   Low EMI Peripheral Clock Generator for Notebook
P702-06SC PLL-P702-06SC Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
P702-06SCL PLL-P702-06SCL Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
More results

Similar Description - P702-01XCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
   Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
   245 MHz Clock Generator and Integrated Buffer for PowerPC
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PhaseLink Corporation
PLL702-06 PLL-PLL702-06 Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com