Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734ZSD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2734ZSD
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734ZSD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2734ZSD Datasheet HTML 1Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 2Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 3Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 4Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 5Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 6Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 7Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 8Page - National Semiconductor (TI) LM2734ZSD Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.5V to 24V
SW Voltage
-0.5V to 24V
Boost Voltage
-0.5V to 30V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
EN Voltage
-0.5V to (V
IN + 0.3V)
Junction Temperature
150˚C
ESD Susceptibility (Note 2)
2kV
Storage Temp. Range
-65˚C to 150˚C
Soldering Information
Infrared/Convection Reflow (15sec)
220˚C
Wave Soldering Lead Temp. (10sec)
260˚C
Operating Ratings (Note 1)
V
IN
3V to 20V
SW Voltage
-0.5V to 20V
Boost Voltage
-0.5V to 25V
Boost to SW Voltage
1.6V to 5.5V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance
θ
JA (Note 3)
TSOT23–6
118˚C/W
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those in boldface type apply over the full Operating Tempera-
ture Range (T
J = -40˚C to 125˚C). VIN = 5V, VBOOST -VSW = 5V unless otherwise specified. Datasheet min/max specification
limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
FB
Feedback Voltage
0.784
0.800
0.816
V
∆V
FB/
∆V
IN
Feedback Voltage Line
Regulation
V
IN =3Vto20V
0.01
% / V
I
FB
Feedback Input Bias Current
Sink/Source
10
250
nA
UVLO
Undervoltage Lockout
V
IN Rising
2.74
2.90
V
Undervoltage Lockout
V
IN Falling
2.0
2.3
UVLO Hysteresis
0.30
0.44
0.62
F
SW
Switching Frequency
2.2
3.0
3.6
MHz
D
MAX
Maximum Duty Cycle
78
85
%
D
MIN
Minimum Duty Cycle
8
%
R
DS(ON)
Switch ON Resistance
V
BOOST -VSW =3V
(TSOT Package)
300
600
m
V
BOOST -VSW =3V
(LLP Package)
340
650
m
I
CL
Switch Current Limit
V
BOOST -VSW =3V
1.2
1.7
2.5
A
I
Q
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current (shutdown)
V
EN =0V
30
nA
I
BOOST
Boost Pin Current
(Switching)
4.25
6
mA
V
EN_TH
Shutdown Threshold Voltage
V
EN Falling
0.4
V
Enable Threshold Voltage
V
EN Rising
1.8
I
EN
Enable Pin Current
Sink/Source
10
nA
I
SW
Switch Leakage
40
nA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Thermal shutdown will occur if the junction temperature exceeds 165˚C. The maximum power dissipation is a function of TJ(MAX) , θJA and TA . The
maximum allowable power dissipation at any ambient temperature is PD =(TJ(MAX) –TA)/θJA . All numbers apply for packages soldered directly onto a 3” x 3” PC
board with 2oz. copper on 4 layers in still air. For a 2 layer board using 1 oz. copper in still air,
θJA = 204˚C/W.
Note 4: Guaranteed to National’s Average Outgoing Quality Level (AOQL).
Note 5: Typicals represent the most likely parametric norm.
www.national.com
3


Similar Part No. - LM2734ZSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734ZSD TI1-LM2734ZSD Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734ZSD/NOPB TI1-LM2734ZSD/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734ZSDX TI1-LM2734ZSDX Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734ZSDX/NOPB TI1-LM2734ZSDX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734ZSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com