Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3881ECB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3881ECB
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3881ECB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3881ECB Datasheet HTML 1Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 2Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 3Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 4Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 5Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 6Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 7Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 8Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX3881 deserializer with clock recovery is ideal
for converting 2.488Gbps serial data to 16-bit-wide,
155Mbps parallel data for SDH/SONET applications.
Operating from a single +3.3V supply, this device
accepts high-speed serial-data inputs and delivers sin-
gle-ended PECL parallel data outputs and a differential
PECL parallel clock output for interfacing with digital
circuitry.
The MAX3881 includes a low-power clock recovery and
data retiming function for 2.488Gbps applications. The
fully integrated phase-locked loop (PLL) recovers a
synchronous clock signal from the serial NRZ data
input; the signal is then retimed by the recovered clock.
The MAX3881’s jitter performance exceeds all
SDH/SONET specifications. An additional 2.488Gbps
serial input is available for system loopback diagnostic
testing. The device also includes a TTL-compatible
loss-of-lock (LOL) monitor.
The MAX3881 is available in the extended temperature
range (-40°C to +85°C) in a 64-pin TQFP-EP package.
Applications
2.488Gbps SDH/SONET Transmission Systems
Add/Drop Multiplexers
Digital Cross-Connects
Features
o Single +3.3V Supply
o 530mW Operating Power
o Fully Integrated Clock Recovery and Data
Retiming
o Exceeds ANSI, ITU, and Bellcore Specifications
o Additional High-Speed Input Facilitates System
Loopback Diagnostic Testing
o 2.488Gbps Serial to 155Mbps Parallel Conversion
o Differential PECL Clock Output
o Single-Ended PECL Data Outputs
o Tolerates >2000 Consecutive Identical Digits
o Loss-of-Lock Indicator
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with Clock Recovery
________________________________________________________________ Maxim Integrated Products
1
19-1996; Rev 1; 12/01
PART
MAX3881ECB
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
64 TQFP-EP*
Ordering Information
*Exposed pad
EVALUATION
KIT
AVAILABLE
Pin Configuration
SLBI+
VCC
SDI-
SDI+
VCC
PHADJ-
GND
GND
SIS
VCC
SLBI-
PHADJ+
VCC
FIL-
FIL+
GND
PD10
TOP VIEW
VCC
PD9
VCC
PD8
VCC
GND
VCC
PD7
VCC
PD6
VCC
PD5
VCC
GND
VCC
TQFP-EP*
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
52
53
49
50
51
33
34
35
36
37
48
64
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
17
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX3881
*EXPOSED PAD IS CONNECTED TO GND.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results

Similar Description - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
   2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com