Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3881ECB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3881ECB
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3881ECB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3881ECB Datasheet HTML 1Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 2Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 3Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 4Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 5Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 6Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 7Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 8Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with Clock Recovery
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, PECL loads = 50
Ω to (VCC - 2V), TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = +3.3V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Positive Supply Voltage (VCC)...............................-0.5V to +7.0V
Input Voltage Level (SDI+, SDI-,
SLBI+, SLBI-) ...............................(VCC - 0.5V) to (VCC + 0.5V)
Input Current Level (SDI+, SDI-, SLBI+, SLBI-)................±10mA
Voltage at LOL, SIS, PHADJ+, PHADJ-,
FIL+, FIL- .................................................-0.5V to (VCC + 0.5V)
PECL Output Current ..........................................................50mA
Continuous Power Dissipation (TA = +85°C)
64-Pin TQFP (derate 33.3mW/°C above +85°C)............1.44W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 1
Excluding PECL outputs
Figure 2
TA = 0°C to +85°C
CONDITIONS
mVp-p
50
800
VID
Differential Input Voltage
mA
160
240
ICC
Supply Current
V
VCC - 0.4
VCC + 0.2
VIS
Single-Ended Input Voltage
50
RIN
Input Termination to VCC
VCC -
VCC -
1.025
0.88
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
0.8
VIL
Input Low Voltage
V
2.0
VIH
Input High Voltage
IOH
≤ 40µA
V
2.4
VCC
VOH
Output High Voltage
µA
-10
+10
Input Current
IOL
≤ 1mA
V
0.4
VOL
Output Low Voltage
TA = -40°C to 0°C
V
VCC -
VCC -
1.085
0.88
VOH
PECL Output High Voltage
TA = 0°C to +85°C
VCC -
VCC -
1.81
1.62
TA = -40°C to 0°C
V
VCC -
VCC -
1.83
1.555
VOL
PECL Output Low Voltage
SERIAL DATA INPUTS (SDI±, SLBI±)
PECL OUTPUTS (PD_, PCLK±)
TTL INPUTS AND OUTPUTS (SIS, LOL)


Similar Part No. - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results

Similar Description - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
   2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com