Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3881ECB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3881ECB
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3881ECB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3881ECB Datasheet HTML 1Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 2Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 3Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 4Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 5Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 6Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 7Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 8Page - Maxim Integrated Products MAX3881ECB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with Clock Recovery
_______________________________________________________________________________________
5
NAME
FUNCTION
1, 15, 16, 17,
25, 33, 41,
49, 57, 62,
64
GND
Ground
PIN
Pin Description
2
FIL+
Positive Filter Input. PLL loop filter connection. Connect a 1.0µF capacitor between FIL+ and FIL-.
3
FIL-
Negative Filter Input. PLL loop filter connection. Connect a 1.0µF capacitor between FIL+ and FIL-.
4, 7, 10, 13,
20, 22, 24,
26, 28, 30,
32, 34, 36,
38, 40, 42,
44, 46, 48,
50, 52, 54,
56, 58, 60
VCC
+3.3V Supply Voltage
5
PHADJ+
Positive Phase-Adjust Input. Used to optimally align internal PLL phase. Connect to VCC if not
used.
6
PHADJ-
Negative Phase-Adjust Input. Used to optimally align internal PLL phase. Connect to VCC if not
used.
8
SDI+
Positive Serial Data Input. 2.488Gbps data stream.
9
SDI-
Negative Serial Data Input. 2.488Gbps data stream.
11
SLBI+
Positive System Loopback Input. 2.488Gbps data stream.
12
SLBI-
Negative System Loopback Input. 2.488Gbps data stream.
14
SIS
Signal Input Selection. TTL low for normal data input (SDI). TTL high for system loopback input
(SLBI).
18
PCLK+
Positive Parallel Clock PECL Output
19
PCLK-
Negative Parallel Clock PECL Output
21, 23, 27,
29, 31, 35,
37, 39, 43,
45, 47, 51,
53, 55, 59, 61
PD0 to PD15
Parallel Data Single-Ended PECL Outputs. Data is updated on the negative transition of the PCLK
signal (Figure 2).
63
LOL
Loss-of-Lock Output. PLL loss-of-lock monitor, TTL active low (internal 10k
Ω pullup resistor).
The LOL monitor is valid only when a data stream is present on the inputs to the MAX3881.
EP
Exposed Pad
Ground. This must be soldered to a circuit board for proper electrical and thermal performance
(see Package Information).


Similar Part No. - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results

Similar Description - MAX3881ECB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
   2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com