Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS417400A-60DJ Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS417400A-60DJ
Description  4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417400A-60DJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS417400A-60DJ Datasheet HTML 6Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 7Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 8Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 9Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 10Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 11Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 12Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 13Page - Texas Instruments TMS417400A-60DJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TMS416400A, TMS417400A
4194304 BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS889B – AUGUST 1996 – REVISED OCTOBER 1997
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (continued)
TMS417400A
PARAMETER
TEST CONDITIONS†
’417400A - 50
’417400A - 60
’417400A - 70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Average read- or
write-cycle current
VCC = 5.5 V,
Minimum cycle
130
110
100
mA
ICC2
Average standby
VIH = 2.4 V ( TTL),
After one memory cycle,
RAS and CAS high
2
2
2
mA
ICC2
gy
current
VIH = VCC – 0.2 V (CMOS),
After one memory cycle,
RAS and CAS high
1
1
1
mA
ICC3‡§
Average refresh
current (RAS-only
refresh or CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only),
RAS low after CAS low (CBR)
130
110
100
mA
ICC4‡¶
Average page
current
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
90
70
60
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change during each page-mode cycle, tPC.


Similar Part No. - TMS417400A-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS417400 TI-TMS417400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400 TI1-TMS417400 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DJ TI-TMS417400-60DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-60DR TI-TMS417400-60DR Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417400-70DJ TI-TMS417400-70DJ Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
More results

Similar Description - TMS417400A-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS416100 TI1-TMS416100 Datasheet
368Kb / 25P
[Old version datasheet]   16777216-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com