Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27009DY-HB Datasheet(PDF) 10 Page - International Rectifier

Part # AFL27009DY-HB
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27009DY-HB Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL27009DY-HB Datasheet HTML 3Page - International Rectifier AFL27009DY-HB Datasheet HTML 4Page - International Rectifier AFL27009DY-HB Datasheet HTML 5Page - International Rectifier AFL27009DY-HB Datasheet HTML 6Page - International Rectifier AFL27009DY-HB Datasheet HTML 7Page - International Rectifier AFL27009DY-HB Datasheet HTML 8Page - International Rectifier AFL27009DY-HB Datasheet HTML 9Page - International Rectifier AFL27009DY-HB Datasheet HTML 10Page - International Rectifier AFL27009DY-HB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
AFL50XXS Series
AFL50XXS Case Outlines
Case X
Case W
Pin Variation of Case Y
1.260 1.500
2.500
2.760
3.000
ø 0.128
0.250
1.000
Ref
0.200 Typ
Non-cum
0.050
0.220
Pin
ø 0.040
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Pin
ø 0.040
0.525
0.380
Max
2.800
0.42
Case Y
Case Z
Pin Variation of Case Y
1.500 1.750
2.500
0.25 typ
1.150
0.050
0.220
1.750
0.375
2.00
0.250
1.000
Ref
0.200 Typ
Non-cum
Pin
ø 0.040
0.300
ø 0.140
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Ref
Pin
ø 0.040
0.525
0.380
Max
2.800
0.36
BERYLLIA WARNING: These converters are hermetically sealed; however they contain BeO substrates and should not be ground or subjected to any other
operations including exposure to acids, which may produce Beryllium dust or fumes containing Beryllium
Tolerances, unless otherwise specified:
.XX
=
±0.010
.XXX
=
±0.005


Similar Part No. - AFL27009DY-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27009DY IRF-AFL27009DY Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27009DY/CH IRF-AFL27009DY/CH Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27009DY/ES IRF-AFL27009DY/ES Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27009DY/HB IRF-AFL27009DY/HB Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27009DYCH IRF-AFL27009DYCH Datasheet
458Kb / 16P
   270V Input, Single Output
More results

Similar Description - AFL27009DY-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com